Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 57Page - Renesas Technology Corp R5F100GC Datasheet HTML 58Page - Renesas Technology Corp R5F100GC Datasheet HTML 59Page - Renesas Technology Corp R5F100GC Datasheet HTML 60Page - Renesas Technology Corp R5F100GC Datasheet HTML 61Page - Renesas Technology Corp R5F100GC Datasheet HTML 62Page - Renesas Technology Corp R5F100GC Datasheet HTML 63Page - Renesas Technology Corp R5F100GC Datasheet HTML 64Page - Renesas Technology Corp R5F100GC Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 61 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(TA =
40 to +85C, 1.6 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (4/5)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.0 V
 EVDD0  5.5 V,
IOH1 =
10.0 mA
EVDD0
1.5
V
4.0 V
 EVDD0  5.5 V,
IOH1 =
3.0 mA
EVDD0
0.7
V
2.7 V
 EVDD0  5.5 V,
IOH1 =
2.0 mA
EVDD0
0.6
V
1.8 V
 EVDD0  5.5 V,
IOH1 =
1.5 mA
EVDD0
0.5
V
VOH1
P00 to P07, P10 to P17, P30 to
P37, P40 to P47, P50 to P57, P64
to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P106, P110 to
P117, P120, P125 to P127, P130,
P140 to P147
1.6 V
 EVDD0 < 5.5 V,
IOH1 =
1.0 mA
EVDD0
0.5
V
Output voltage,
high
VOH2
P20 to P27, P150 to P156
1.6 V
 VDD  5.5 V,
IOH2 =
100
A
VDD
 0.5
V
4.0 V
 EVDD0  5.5 V,
IOL1 = 20 mA
1.3
V
4.0 V
 EVDD0  5.5 V,
IOL1 = 8.5 mA
0.7
V
2.7 V
 EVDD0  5.5 V,
IOL1 = 3.0 mA
0.6
V
2.7 V
 EVDD0  5.5 V,
IOL1 = 1.5 mA
0.4
V
1.8 V
 EVDD0  5.5 V,
IOL1 = 0.6 mA
0.4
V
VOL1
P00 to P07, P10 to P17, P30 to
P37, P40 to P47, P50 to P57, P64
to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P106, P110 to
P117, P120, P125 to P127, P130,
P140 to P147
1.6 V
 EVDD0 < 5.5 V,
IOL1 = 0.3 mA
0.4
V
VOL2
P20 to P27, P150 to P156
1.6 V
 VDD  5.5 V,
IOL2 = 400
A
0.4
V
4.0 V
 EVDD0  5.5 V,
IOL3 = 15.0 mA
2.0
V
4.0 V
 EVDD0  5.5 V,
IOL3 = 5.0 mA
0.4
V
2.7 V
 EVDD0  5.5 V,
IOL3 = 3.0 mA
0.4
V
1.8 V
 EVDD0  5.5 V,
IOL3 = 2.0 mA
0.4
V
Output voltage,
low
VOL3
P60 to P63
1.6 V
 EVDD0 < 5.5 V,
IOL3 = 1.0 mA
0.4
V
Caution
P00, P02 to P04, P10 to P15, P17, P43 to P45, P50, P52 to P55, P71, P74, P80 to P82, P96, and
P142 to P144 do not output high level in N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com