Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 107Page - Renesas Technology Corp R5F100GC Datasheet HTML 108Page - Renesas Technology Corp R5F100GC Datasheet HTML 109Page - Renesas Technology Corp R5F100GC Datasheet HTML 110Page - Renesas Technology Corp R5F100GC Datasheet HTML 111Page - Renesas Technology Corp R5F100GC Datasheet HTML 112Page - Renesas Technology Corp R5F100GC Datasheet HTML 113Page - Renesas Technology Corp R5F100GC Datasheet HTML 114Page - Renesas Technology Corp R5F100GC Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 111 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(2) I
2C fast mode
(TA =
40 to +85C, 1.6 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Parameter
Symbol
Conditions
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Unit
2.7 V
 EVDD0  5.5 V
0
400
0
400
0
400
kHz
SCLA0 clock frequency
fSCL
Fast mode:
fCLK
 3.5 MHz
1.8 V
 EVDD0  5.5 V
0
400
0
400
0
400
kHz
2.7 V
 EVDD0  5.5 V
0.6
0.6
0.6
s
Setup time of restart
condition
tSU:STA
1.8 V
 EVDD0  5.5 V
0.6
0.6
0.6
s
2.7 V
 EVDD0  5.5 V
0.6
0.6
0.6
s
Hold time
Note 1
tHD:STA
1.8 V
 EVDD0  5.5 V
0.6
0.6
0.6
s
2.7 V
 EVDD0  5.5 V
1.3
1.3
1.3
s
Hold time when SCLA0 =
“L”
tLOW
1.8 V
 EVDD0  5.5 V
1.3
1.3
1.3
s
2.7 V
 EVDD0  5.5 V
0.6
0.6
0.6
s
Hold time when SCLA0 =
“H”
tHIGH
1.8 V
 EVDD0  5.5 V
0.6
0.6
0.6
s
2.7 V
 EVDD0  5.5 V
100
100
100
s
Data setup time
(reception)
tSU:DAT
1.8 V
 EVDD0  5.5 V
100
100
100
s
2.7 V
 EVDD0  5.5 V
0
0.9
0
0.9
0
0.9
s
Data hold time
(transmission)
Note 2
tHD:DAT
1.8 V
 EVDD0  5.5 V
0
0.9
0
0.9
0
0.9
s
2.7 V
 EVDD0  5.5 V
0.6
0.6
0.6
s
Setup time of stop
condition
tSU:STO
1.8 V
 EVDD0  5.5 V
0.6
0.6
0.6
s
2.7 V
 EVDD0  5.5 V
1.3
1.3
1.3
s
Bus-free time
tBUF
1.8 V
 EVDD0  5.5 V
1.3
1.3
1.3
s
Notes 1.
The first clock pulse is generated after this period when the start/restart condition is detected.
2.
The maximum value (MAX.) of tHD:DAT is during normal transfer and a wait state is inserted in the ACK
(acknowledge) timing.
Caution
The values in the above table are applied even when bit 2 (PIOR2) in the peripheral I/O redirection
register (PIOR) is 1. At this time, the pin characteristics (IOH1, IOL1, VOH1, VOL1) must satisfy the
values in the redirect destination.
Remark
The maximum value of Cb (communication line capacitance) and the value of Rb (communication line
pull-up resistor) at that time in each mode are as follows.
Fast mode:
Cb = 320 pF, Rb = 1.1 k
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com