Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 125Page - Renesas Technology Corp R5F100GC Datasheet HTML 126Page - Renesas Technology Corp R5F100GC Datasheet HTML 127Page - Renesas Technology Corp R5F100GC Datasheet HTML 128Page - Renesas Technology Corp R5F100GC Datasheet HTML 129Page - Renesas Technology Corp R5F100GC Datasheet HTML 130Page - Renesas Technology Corp R5F100GC Datasheet HTML 131Page - Renesas Technology Corp R5F100GC Datasheet HTML 132Page - Renesas Technology Corp R5F100GC Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 202 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
C)
Page 129 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(TA =
40 to +105C, 2.4 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (2/5)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Per pin for P00 to P07, P10 to P17,
P30 to P37, P40 to P47, P50 to P57,
P64 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P106,
P110 to P117, P120, P125 to P127,
P130, P140 to P147
8.5
Note 2
mA
Per pin for P60 to P63
15.0
Note 2
mA
4.0 V
 EVDD0  5.5 V
40.0
mA
2.7 V
 EVDD0 < 4.0 V
15.0
mA
Total of P00 to P04, P07, P32 to
P37,
P40 to P47, P102 to P106, P120,
P125 to P127, P130, P140 to P145
(When duty
 70% Note 3)
2.4 V
 EVDD0 < 2.7 V
9.0
mA
4.0 V
 EVDD0  5.5 V
40.0
mA
2.7 V
 EVDD0 < 4.0 V
35.0
mA
Total of P05, P06, P10 to P17, P30,
P31, P50 to P57, P60 to P67,
P70 to P77, P80 to P87, P90 to P97,
P100, P101, P110 to P117, P146,
P147
(When duty
 70% Note 3)
2,4 V
 EVDD0 < 2.7 V
20.0
mA
IOL1
Total of all pins
(When duty
 70% Note 3)
80.0
mA
Per pin for P20 to P27, P150 to P156
0.4
Note 2
mA
Output current,
low
Note 1
IOL2
Total of all pins
(When duty
 70%Note 3)
2,4 V
 VDD  5.5 V
5.0
mA
Notes 1.
Value of current at which the device operation is guaranteed even if the current flows from an output
pin to the EVSS0, EVSS1 and VSS pin.
2.
Do not exceed the total current value.
3.
Specification under conditions where the duty factor
 70%.
The output current value that has changed to the duty factor > 70% the duty ratio can be calculated
with the following expression (when changing the duty factor from 70% to n%).
 Total output current of pins = (IOL × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOL = 10.0 mA
Total output current of pins = (10.0 × 0.7)/(80 × 0.01)
 8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
A current higher than the absolute maximum rating must not flow into one pin.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com