Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 143Page - Renesas Technology Corp R5F100GC Datasheet HTML 144Page - Renesas Technology Corp R5F100GC Datasheet HTML 145Page - Renesas Technology Corp R5F100GC Datasheet HTML 146Page - Renesas Technology Corp R5F100GC Datasheet HTML 147Page - Renesas Technology Corp R5F100GC Datasheet HTML 148Page - Renesas Technology Corp R5F100GC Datasheet HTML 149Page - Renesas Technology Corp R5F100GC Datasheet HTML 150Page - Renesas Technology Corp R5F100GC Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 202 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
C)
Page 147 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(2) During communication at same potential (CSI mode) (master mode, SCKp... internal clock output)
(TA =
40 to +105C, 2.4 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Notes 1. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to
SCKp
” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
2. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from
SCKp
” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output
becomes “from SCKp
” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
4. C is the load capacitance of the SCKp and SOp output lines.
Caution
Select the normal input buffer for the SIp pin and the normal output mode for the SOp pin and
SCKp pin by using port input mode register g (PIMg) and port output mode register g (POMg).
Remarks 1.
p: CSI number (p = 00, 01, 10, 11, 20, 21, 30, 31), m: Unit number (m = 0, 1), n: Channel number (n = 0
to 3),
g: PIM and POM numbers (g = 0, 1, 4, 5, 8, 14)
2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03, 10 to 13))
HS (high-speed main) Mode
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
2.7 V
 EVDD0  5.5 V
250
ns
SCKp cycle time
tKCY1
tKCY1
 4/fCLK
2.4 V
 EVDD0  5.5 V
500
ns
4.0 V
 EVDD0  5.5 V
tKCY1/2
 24
ns
2.7 V
 EVDD0  5.5 V
tKCY1/2
 36
ns
SCKp high-/low-level width
tKH1,
tKL1
2.4 V
 EVDD0  5.5 V
tKCY1/2
 76
ns
4.0 V
 EVDD0  5.5 V
66
ns
2.7 V
 EVDD0  5.5 V
66
ns
SIp setup time (to SCKp
) Note 1
tSIK1
2.4 V
 EVDD0  5.5 V
113
ns
SIp hold time (from SCKp
) Note 2
tKSI1
38
ns
Delay time from SCKp
 to
SOp output
Note 3
tKSO1
C = 30 pF
Note 4
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com