Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 160Page - Renesas Technology Corp R5F100GC Datasheet HTML 161Page - Renesas Technology Corp R5F100GC Datasheet HTML 162Page - Renesas Technology Corp R5F100GC Datasheet HTML 163Page - Renesas Technology Corp R5F100GC Datasheet HTML 164Page - Renesas Technology Corp R5F100GC Datasheet HTML 165Page - Renesas Technology Corp R5F100GC Datasheet HTML 166Page - Renesas Technology Corp R5F100GC Datasheet HTML 167Page - Renesas Technology Corp R5F100GC Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 202 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
C)
Page 164 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(8) Communication at different potential (1.8 V, 2.5 V, 3 V) (simplified I
2C mode) (1/2)
(TA =
40 to +105C, 2.4 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
HS (high-speed main)
Mode
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 50 pF, Rb = 2.7 k
400
Note 1
kHz
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V,
Cb = 50 pF, Rb = 2.7 k
400
Note 1
kHz
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 100 pF, Rb = 2.8 k
100
Note 1
kHz
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V,
Cb = 100 pF, Rb = 2.7 k
100
Note 1
kHz
SCLr clock frequency
fSCL
2.4 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V,
Cb = 100 pF, Rb = 5.5 k
100
Note 1
kHz
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 50 pF, Rb = 2.7 k
1200
ns
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V,
Cb = 50 pF, Rb = 2.7 k
1200
ns
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 100 pF, Rb = 2.8 k
4600
ns
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V,
Cb = 100 pF, Rb = 2.7 k
4600
ns
Hold time when SCLr = “L”
tLOW
2.4 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V,
Cb = 100 pF, Rb = 5.5 k
4650
ns
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 50 pF, Rb = 2.7 k
620
ns
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V,
Cb = 50 pF, Rb = 2.7 k
500
ns
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 100 pF, Rb = 2.8 k
2700
ns
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V,
Cb = 100 pF, Rb = 2.7 k
2400
ns
Hold time when SCLr = “H”
tHIGH
2.4 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V,
Cb = 100 pF, Rb = 5.5 k
1830
ns
(Notes and Caution are listed on the next page, and Remarks are listed on the page after the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com