Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100GC Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # R5F100GC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 184Page - Renesas Technology Corp R5F100GC Datasheet HTML 185Page - Renesas Technology Corp R5F100GC Datasheet HTML 186Page - Renesas Technology Corp R5F100GC Datasheet HTML 187Page - Renesas Technology Corp R5F100GC Datasheet HTML 188Page - Renesas Technology Corp R5F100GC Datasheet HTML 189Page - Renesas Technology Corp R5F100GC Datasheet HTML 190Page - Renesas Technology Corp R5F100GC Datasheet HTML 191Page - Renesas Technology Corp R5F100GC Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 202 page
background image
RL78/G13
4. PACKAGE DRAWINGS
Page 188 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
4.10 52-pin Products
R5F100JCAFA, R5F100JDAFA, R5F100JEAFA, R5F100JFAFA, R5F100JGAFA, R5F100JHAFA, R5F100JJAFA,
R5F100JKAFA, R5F100JLAFA
R5F101JCAFA, R5F101JDAFA, R5F101JEAFA, R5F101JFAFA, R5F101JGAFA, R5F101JHAFA, R5F101JJAFA,
R5F101JKAFA, R5F101JLAFA
R5F100JCDFA, R5F100JDDFA, R5F100JEDFA, R5F100JFDFA, R5F100JGDFA, R5F100JHDFA, R5F100JJDFA,
R5F100JKDFA, R5F100JLDFA
R5F101JCDFA, R5F101JDDFA, R5F101JEDFA, R5F101JFDFA, R5F101JGDFA, R5F101JHDFA, R5F101JJDFA,
R5F101JKDFA, R5F101JLDFA
R5F100JCGFA, R5F100JDGFA, R5F100JEGFA, R5F100JFGFA, R5F100JGGFA, R5F100JHGFA, R5F100JJGFA
y
e
x
b
M
L
c
HD
HE
A1
A2
A
D
E
ITEM
DIMENSIONS
D
E
HD
HE
A
A1
A2
1.40
c
e
x
y
0.65
0.13
0.10
L
detail of lead end
b
13
26
1
52
14
27
40
39
2
1
3
0.3
P-LQFP52-10x10-0.65
JEITA Package Code
RENESAS Code
PLQP0052JA-A
Previous Code
P52GB-65-GBS-1
MASS (TYP.) [g]
NOTE
1.Dimensions “
1” and “
2” do not include mold flash.
2.Dimension “
3” does not include trim offset.
2012 Renesas Electronics Corporation. All rights reserved.
(UNIT:mm)
10.00
±0.10
10.00
±0.10
12.00
±0.20
12.00
±0.20
1.70 MAX.
0.10
±0.05
0.32
±0.05
0.145
±0.055
0.50
±0.15
0
° to 8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com