Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V70 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82V70
Description  Two 6-Channel, up to 240MSPS CIS Timing Generator and Shading Correction
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V70 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82V70 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
Rev. 1.00
13
January 12, 2017
HT82V70
Address
Mode
Description
Default
19h
R/W
TG CIS_2 CH_3/6 End of Valid Pixels MSB Register
02h/02h
1Ah
R/W
TG CIS_2 CH_3/6 End of Valid Pixels LSB Register
40h/40h
1Bh
R/W
TG CIS_2 Line Valid Start and End MSB Register
00h
1Ch
R/W
TG CIS_2 Line Valid Start LSB Register
00h
1Dh
R/W
TG CIS_2 Line Valid End LSB Register
00h
1Eh
R/W
CIS Channel Switching Selection Register
00h
1Fh
R/W
Page Register
00h
Page 4
TG Timing 2 Registers: Page Register 1Fh = 04h
00h
R/W
TG MODE Output Selection Register
00h
01h
R/W
TG CIS1/2 MODE On MSB Register
00h/00h
02h
R/W
TG CIS1/2 MODE On LSB Register
00h/00h
03h
R/W
TG CIS1/2 MODE Off MSB Register
00h/00h
04h
R/W
TG CIS1/2 MODE Off LSB Register
00h/00h
05h
R/W
TG SI Mode Selection Register
0ch
06h
R/W
TG SI Width Register
04h
07h
R/W
TG_1 Line End MSB Register
00h
08h
R/W
TG_1 Line End LSB Register
20h
09h
R/W
TG_2 Line End MSB Register
00h
0Ah
R/W
TG_2 Line End LSB Register
20h
0Bh
R/W
Frame Start/End Selection Register
00h
0Ch
R/W
Pixel Threshold for Auto Detection of Frame Start Register
00h
0Dh
R/W
Number of Pixel Per Line for Auto Detection of Frame Start MSB Register
00h
0Eh
R/W
Number of Pixel Per Line for Auto Detection of Frame Start LSB Register
00h
0Fh
R/W
Number of Lines for Auto Detection of Frame Start MSB Register
30h
10h
R/W
Number of Lines for Auto Detection of Frame Start LSB Register
00h
11h
R/W
Pixel Threshold For Auto Detection of Frame End Register
00h
12h
R/W
Number of Pixel Per Line for Auto Detection of Frame End MSB Register
00h
13h
R/W
Number of Pixel Per Line for Auto Detection of Frame End LSB Register
00h
14h
R/W
Number of Lines for Auto Detection of Frame End MSB Register
00h
15h
R/W
Number of Lines for Auto Detection of Frame End LSB Register
00h
16h
R/W
Delay Lines for Starting Detection of Frame End MSB Register
00h
17h
R/W
Delay Lines for Starting Detection of Frame End LSB Register
00h
18h
R/W
Number of Lines for Fix Length of Frame End MSB Register
00h
19h
R/W
Number of Lines for Fix Length of Frame End LSB Register
00h
1Ah
R/W
Frame Jam Counter Register 0
00h
1Bh
R/W
Frame Jam Counter Register 1
00h
1Ch
R/W
Frame Jam Counter Register 2
00h
1Dh
R/W
Frame Jam Counter Register 3
00h
1Fh
R/W
Page Register
00h
Page 5
CIS1 LAMP Control Registers: Page Register 1Fh = 05h
00h
R/W
CIS1 LAMP Mode Register
00h/00h
01h
R/W
CIS1 Component 1/Component 7 LAMP Selection Register
20h/00h
02h
R/W
CIS1 Component 2/Component 8 LAMP Selection Register
10h/00h
03h
R/W
CIS1 Component 3/Component 9 LAMP Selection Register
08h/00h
04h
R/W
CIS1 Component 4/Component 10 LAMP Selection Register
04h/00h
05h
R/W
CIS1 Component 5/Component 11 LAMP Selection Register
02h/00h
06h
R/W
CIS1 Component 6/Component 12 LAMP Selection Register
01h/00h
07h
R/W
CIS1 Red LAMP On MSB Register
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com