Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V70 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT82V70
Description  Two 6-Channel, up to 240MSPS CIS Timing Generator and Shading Correction
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V70 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT82V70 Datasheet HTML 35Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 36Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 37Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 38Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 39Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 40Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 41Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 42Page - Holtek Semiconductor Inc HT82V70 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
Rev. 1.00
39
January 12, 2017
HT82V70
• Address P3_1Ah: TG CIS_2 CH_3/6 End of Valid Pixels LSB Register
Bit
Mode
Description
Default
7-0
R/W
End of Valid Pixels – Least Significant Byte.
Selects the pixel count where the data status bits stop indicating valid
pixels.
Notes: 1. End valid pixels mean distance from falling edge of SH to
end of valid pixel.
2. If the channel_3/6 start valid pixel and the end valid pixel
register are equal, there is no data captured in this channel.
3. "End valid pixel – Start valid pixel + 1 " should be even.
40h/40h
• Address P3_1Bh: TG CIS_2 Line Valid Start and End MSB Register
Bit
Mode
Description
Default
7-4
R/W
AFE2 Line Valid Start Value – Most Significant 4 Bits
Selects the Line count where the valid line is started after BOS
0h
3-0
R/W
AFE2 Line Valid End Value – Most Significant 4 Bits
Selects the Line count where the valid line is ends after BOS
0h
• Address P3_1Ch: TG CIS_2 Line Valid Start LSB Register
Bit
Mode
Description
Default
7-0
R/W
AFE2 Line Valid Start Value – Least Significant Byte
Selects the Line count where the valid line is ends after BOS
00h
• Address P3_1Dh: TG CIS_2 Line Valid End LSB Register
Bit
Mode
Description
Default
7-0
R/W
AFE2 Line Valid End Value – Least Significant Byte
Selects the Line count where the valid line ends after BOS
Note: When line valid Start and End are equal to zero, the line is
always valid after BOS.
00h
• Address P3_1Eh: CIS Channel Switching Selection Register
Bit
Mode
Description
Default
7
—
Reserved
—
6
R/W
CIS2_CH_3/6 Setting Selection Register
0: CIS2_CH_3 Register Setting
1: CIS2_CH_6 Register Setting
Note: CIS2_CH_3/CIS2_CH_6 Setting on register P3_17~P3_1A is
set by this bit.
0
5
R/W
CIS2_CH_2/5 Setting Selection Register
0: CIS2_CH_2 Register Setting
1: CIS2_CH_5 Register Setting
Note: CIS2_CH_2/CIS2_CH_5 Setting on register P3_13~P3_16 is
set by this bit.
0
4
R/W
CIS2_CH_1/4 Setting Selection Register
0: CIS2_CH_1 Register Setting
1: CIS2_CH_4 Register Setting
Note: CIS2_CH_1/CIS2_CH_4 Setting on register P3_0F~P3_12 is
set by this bit.
0
3
—
Reserved
—
2
R/W
CIS1_CH_3/6 Setting Selection Register
0:CIS1_CH_3 Register Setting
1:CIS1_CH_6 Register Setting
Note: CIS1_CH_3/CIS1_CH_6 Setting on register P3_08~P3_0B is
set by this bit.
0
1
R/W
CIS1_CH_2/5 Setting Selection Register
0: CIS1_CH_2 Register Setting
1: CIS1_CH_5 Register Setting
Note: CIS1_CH_2/CIS1_CH_5 Setting on register P3_04~P3_07 is
set by this bit.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com