Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7463A Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT7463A
Description  52V/600mA, 1.25MHz/550kHz Asynchronous Step Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7463A Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT7463A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 9Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 10Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 11Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 12Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 13Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 14Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 15Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Rev. 1.11
13
August 12, 2016
HT7463A/HT7463B
Layout Consideration Guide
Toreduceproblemswithconductednoise,thereare
someimportantpointstoconsiderregardingthePCB
layout.
• Ensureallfeedbackconnectionsareshortanddirect.
Placethefeedbackresistorsandcompensation
componentsasclosetotheFBpinaspossible.
• Theinputbypasscapacitormustbeplacedcloseto
theVINpin.
• Theinductor,schottkydiodeandoutputcapacitor
traceshouldbeasshortaspossibletoreduce
conductedandradiatednoiseandincreaseoverall
efficiency.
• Keepthepowergroundconnectionasshortand
wideaspossible.
Thermal Considerations
Themaximumpowerdissipationdependsonthe
thermalresistanceoftheICpackage,thePCBlayout,
therateofthesurroundingairflowandthedifference
betweenthejunctionandambienttemperature.The
maximumpowerdissipationcanbecalculatedbythe
followingformula:
PD(MAX)=(TJ(MAX)–TA)/θJA
whereTJ(MAX)isthemaximumjunctiontemperature,
TAistheambienttemperatureandqJAisthejunction-
to-ambientthermalresistanceoftheICpackage
(220oC/WforSOT23-6)
For maximum operating rating conditions, the
maximumjunctiontemperatureis150oC.However,itis
recommendedthatthemaximumjunctiontemperature
doesnotexceed125oCinnormaloperationtomaintain
reliability.Thederatingcurveformaximumpower
dissipationisasfollows:
25
50
75
100
125
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.568W
0
Ambient Temperature (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com