Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7463A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7463A
Description  52V/600mA, 1.25MHz/550kHz Asynchronous Step Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7463A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7463A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Rev. 1.11
2
August 12, 2016
HT7463A/HT7463B
Block Diagram
SW
CB
VCC
Control
Logic
Current
Sense Amp.
1.25MHz/550kHz
Oscillator
OCP
Current
Comparator
PWM
Comparator
Error Amp.
SS/OSP
0.794V
FB
VREF
GND
VIN
EN
Regulator
0.9Ω
OTP
VCC
UVLO
FB
VREF
Pin Assignment
Top View
SOT23-6
463X
6
5
4
3
2
1
XmeansA(1.25MHz)/orB(550kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com