Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6388B4 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST6388B4
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6388B4 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST6388B4 Datasheet HTML 39Page - STMicroelectronics ST6388B4 Datasheet HTML 40Page - STMicroelectronics ST6388B4 Datasheet HTML 41Page - STMicroelectronics ST6388B4 Datasheet HTML 42Page - STMicroelectronics ST6388B4 Datasheet HTML 43Page - STMicroelectronics ST6388B4 Datasheet HTML 44Page - STMicroelectronics ST6388B4 Datasheet HTML 45Page - STMicroelectronics ST6388B4 Datasheet HTML 46Page - STMicroelectronics ST6388B4 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
43/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
SERIAL PERIPHERAL INTERFACE (Cont’d)
During transmission or reception of data, all ac-
cess to serial data register is therefore disabled.
The reception or transmission of data is started by
setting the BUSY bit to “1”; this will be automatical-
ly reset at the end of the operation. After reset, the
busy bit is cleared to “0”, and the hardware SPI
disabled by clearing bit 0 and bit 1 of SPI control
register 1 to “0”. The outputs from the hardware
SPI are “ANDed” to the standard I/O software con-
trolled outputs. If the hardware SPI is in operation
the Port C pins related to the SPI should be config-
ured as outputs using the Data Direction Register
and should be set high. When the SPI is config-
ured as the S-BUS, the three pins PC0, PC1 and
PC3 become the pins SCL, SDA and SEN respec-
tively. When configured as the I2C BUS the pins
PC0 and PC1 are configured as the pins SCL and
SDA; PC3 is not driven and can be used as a gen-
eral purpose I/O pin. In the case of the STD SPI
the pins PC0 and PC1 become the signals CLOCK
and DATA, PC3 is not driven and can be used as
general purpose I/O pin. The VERIFY bit is availa-
ble when the SPI is configured as either S-BUS or
I2C BUS. At the start of a byte transmission, the
verify bit is set to one. If at any time during the
transmission of the following eight bits, the data on
the SDA line does not match the data forced by the
SPI (while SCL is high), then the VERIFY bit is re-
set. The verify is available only during transmis-
sion for the S-BUS and I2C BUS; for other protocol
it is not defined. The SDA and SCL signal entering
the SPI are buffered in order to remove any minor
glitches. When STD bit is set to one (S-BUS or I2C
BUS selected), and TRX bit is reset (receiving da-
ta), and STOP bit is set (last byte of current com-
munication), the SPI interface does not generate
the Acknowledge, according to S-BUS/I2C BUS
specifications. PCO-SCL, PC1-SDA and PC3-
SEN lines are standard drive I/O port pins with
open-drain output configuration (maximum voltage
that can be applied to these pins is VDD+ 0.3V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com