Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6388B4 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST6388B4
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6388B4 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST6388B4 Datasheet HTML 50Page - STMicroelectronics ST6388B4 Datasheet HTML 51Page - STMicroelectronics ST6388B4 Datasheet HTML 52Page - STMicroelectronics ST6388B4 Datasheet HTML 53Page - STMicroelectronics ST6388B4 Datasheet HTML 54Page - STMicroelectronics ST6388B4 Datasheet HTML 55Page - STMicroelectronics ST6388B4 Datasheet HTML 56Page - STMicroelectronics ST6388B4 Datasheet HTML 57Page - STMicroelectronics ST6388B4 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
54/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
ON-SCREEN DISPLAY (Cont’d)
Horizontal Space Register (HSR)
Address: 3Bh - Page 5
—
Read/Write
RDIS. Rounding DISable. This bit disable the
rounding function for the following screen. It allows
the display of some special characters which could
be modified by the rounding function.
“0”Rounding function enable
“1”Rounding function disable
FSB. Full Screen Background. This bit allows the
entire screen to be filled with a one colour back-
ground. The background is controlled by the back-
ground select bit (BGS). During this mode the dis-
play of characters is possible.
“0”No Full Screen Background
“1”Full Screen Background is active
Note: The full screen background bit has priority
over the background enable bits (BK0 and BK1)
and on the screen blanking bit. This means that if
the two backgrounds are disabled and the screen
blanking is active, the full screen background will
still be displayed.
HS5, HS0. Horizontal Space. These bits deter-
mine the spacing between words if the Horizontal
Space Enable bit (HSE) located in the space char-
acter is a one. The space between words is then
equal to the width of the space character plus the
number of dots specified by the Horizontal Space
bits. The 6 bits can specify one of 64 spacing val-
ues ranging from 1/fosc to 64/fosc. The formula is
shown below for the smallest size character(18H).
If larger size characters are being displayed the
spacing between words will increase proportion-
ately. Multiply the value below by 2, 3 or 4 for char-
acter sizes of 36H, 54H and 72H respectively.
Space between words =2/f
OSC(1+2
5
(HS5)+24
(HS4)+23 (HS3) +22 (HS2)+ 21 (HS1)+20 (HS0))
Note: This size does not include the width of the
space character.
The case of all Vertical Start Address bits being
zero is illegal.
Background Control Register (BCR)
This register sets up two possible backgrounds.
The background select bit (BGS) in the format or
space character will determine which background
is selected for the current word.
Background Control Register
Address: 3Ch - Page 5
—
Read/Write
R1,R0,G1,G0,B1,B0. Background Colour.
These bits define the colour of the specified back-
ground, either background 1 or background 0 as
defined in table below.
Table 19. Background Register Colour Setting.
BK1,BK0. Background Enable.These bits deter-
mine if the specified background is enabled or not.
“0” The word having this background specified
has not a background.
“1” The word having this background specified
has a background of the colour selected by the
corresponding RGB bits.
70
RDIS
FSB
HS5
HS4
HS3
HS2
HS1
HS0
70
R1
R0
G1
G0
B1
B0
BK1
BK0
RX
GX
BX
Colour
0
0
0
Black
0
0
1
Blue
0
1
0
Green
0
1
1
Cyan
1
0
0
Red
1
0
1
Magenta
1
1
0
Yellow
1
1
1
White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com