Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV620ILT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV620ILT
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV620ILT Datasheet(HTML) 1 Page - STMicroelectronics

  TSV620ILT Datasheet HTML 1Page - STMicroelectronics TSV620ILT Datasheet HTML 2Page - STMicroelectronics TSV620ILT Datasheet HTML 3Page - STMicroelectronics TSV620ILT Datasheet HTML 4Page - STMicroelectronics TSV620ILT Datasheet HTML 5Page - STMicroelectronics TSV620ILT Datasheet HTML 6Page - STMicroelectronics TSV620ILT Datasheet HTML 7Page - STMicroelectronics TSV620ILT Datasheet HTML 8Page - STMicroelectronics TSV620ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
May 2017
DocID14912 Rev 3
1/24
TSV620, TSV620A, TSV621,
TSV621A
Rail-to-rail input/output 29 µA 420 kHz CMOS operational amplifiers
Datasheet
- production data
Features
• Low supply voltage: 1.5 V–5.5 V
• Rail-to-rail input and output
• Low input offset voltage: 800 µV max
(A version)
• Low power consumption: 29 µA typ
• Low power shutdown mode: 5 nA typ (TSV620)
• Gain bandwidth product: 420 kHz typ
• Unity gain stability
• Micropackages: SC70-5/6, SOT23-5/6
• Low input bias current: 1 pA typ
• Extended temperature range: -40 to 125 °C
• 4 kV HBM
Applications
• Battery-powered applications
• Portable device
• Signal conditioning
• Active filtering
• Medical instrumentation
Description
The TSV620, TSV620A, TSV621, and TSV621A
are single operational amplifiers offering low
voltage, low power operation, and rail-to-rail input
and output.
With a very low input bias current and low offset
voltage (800 µV maximum for the A version), the
TSV62x is ideal for applications requiring
precision. The device can operate at a power
supply ranging from 1.5 to 5.5 V, and therefore
suit battery-powered devices and extend their
battery life.
This product features an excellent speed/power
consumption ratio, offering a 420 kHz gain
bandwidth while consuming only 29 µA at a
5 V supply voltage.
These operational amplifiers are unity gain stable
for capacitive loads up to 100 pF.
The device is internally adjusted to provide very
narrow dispersion of AC and DC parameters,
especially power consumption, product gain
bandwidth, and slew rate.
The TSV62x present high tolerance to ESD,
sustaining 4 kV for the human body model.
The device is offered in macropackages, SC70-6
and SOT23-6 for the TSV620 and
SC70-5 and SOT23-5 for the TSV621. They are
guaranteed for industrial temperature ranges from
-40 °C to 125 °C.
All these features make the TSV620, TSV620A,
TSV621, and TSV621A ideal for sensor
interfaces, battery-supplied and portable
applications, as well as active filtering.
VDD
VCC
In+
In-
Out
1
2
3
5
4
+_
VDD
VCC
In+
In-
Out
1
2
3
5
4
+_
1
2
3
5
4
+_
TSV621ICT/ILT
SC70-5/SOT23-5
VCC-
In+
In-
Out
1
2
3
6
4
+_
1
2
3
6
4
+_
5 SHDN
VCC+
TSV620ICT/ILT
SC70-6/SOT23-6
www.st.com


Similar Part No. - TSV620ILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV621ICT STMICROELECTRONICS-TSV621ICT Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV621ILT STMICROELECTRONICS-TSV621ILT Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
15-Jun-2009
TSV622 STMICROELECTRONICS-TSV622 Datasheet
947Kb / 25P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
January 2013 Rev 5
More results

Similar Description - TSV620ILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
Rail-to-rail input/output 11 μA, 120 kHz CMOS operational amplifiers
28-May-2009
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
15-Jun-2009
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
18-Jan-2010
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
January 2013 Rev 5
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com