Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV712 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSV712
Description  EMI hardened operational amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV712 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSV712 Datasheet HTML 12Page - STMicroelectronics TSV712 Datasheet HTML 13Page - STMicroelectronics TSV712 Datasheet HTML 14Page - STMicroelectronics TSV712 Datasheet HTML 15Page - STMicroelectronics TSV712 Datasheet HTML 16Page - STMicroelectronics TSV712 Datasheet HTML 17Page - STMicroelectronics TSV712 Datasheet HTML 18Page - STMicroelectronics TSV712 Datasheet HTML 19Page - STMicroelectronics TSV712 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Application information
TSV711, TSV712, TSV714
16/29
DocID023707 Rev 2
4
Application information
4.1
Operating voltages
The TSV71x series of devices can operate from 1.5 V to 5.5 V. The parameters are fully
specified for 1.8 V, 3.3 V, and 5 V power supplies. However, they are very stable in the full
VCC range and several characterization curves show TSV71x device characteristics at 1.5 V.
In addition, the main specifications are guaranteed in the extended temperature range from
-40 °C to +125 °C.
4.2
Rail-to-rail input
The TSV711, TSV712, and TSV714 devices have a rail-to-rail input, and the input common
mode range is extended from VCC-- 0.1 V to VCC+ + 0.1 V.
4.3
Rail-to-rail output
The output levels of the TSV71x operational amplifiers can go close to the rails: to a
maximum of 40 mV below the upper rail and to a maximum of 75 mV above the lower rail
when a 10 k
Ω resistive load is connected to VCC/2.
4.4
Input offset voltage drift over temperature
The maximum input voltage drift over the temperature variation is defined as the offset
variation related to offset value measured at 25 °C. The operational amplifier is one of the
main circuits of the signal conditioning chain, and the amplifier input offset is a major
contributor to the chain accuracy. The signal chain accuracy at 25 °C can be compensated
during production at application level. The maximum input voltage drift over temperature
enables the system designer to anticipate the effect of temperature variations.
The maximum input voltage drift over temperature is computed using Equation 1.
Equation 1
with T = -40 °C and 125 °C.
The datasheet maximum value is guaranteed by a measurement on a representative
sample size ensuring a Cpk (process capability index) greater than 1.33.
ΔVio
ΔT
------------
max
Vio T
() Vio 25° C
()
T25
° C
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com