Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV731 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSV731
Description  High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV731 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSV731 Datasheet HTML 2Page - STMicroelectronics TSV731 Datasheet HTML 3Page - STMicroelectronics TSV731 Datasheet HTML 4Page - STMicroelectronics TSV731 Datasheet HTML 5Page - STMicroelectronics TSV731 Datasheet HTML 6Page - STMicroelectronics TSV731 Datasheet HTML 7Page - STMicroelectronics TSV731 Datasheet HTML 8Page - STMicroelectronics TSV731 Datasheet HTML 9Page - STMicroelectronics TSV731 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical characteristics
TSV731, TSV732, TSV734
6/29
DocID023708 Rev 2
3
Electrical characteristics
Table 3. Electrical characteristics at VCC+ = 1.8 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and
RL = 10 kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
(Vicm = 0 V)
T = 25 °C
200
μV
-40 °C < T< 85 °C
500
-40 °C < T< 125 °C
650
ΔVio/ΔT Input offset voltage drift
-40 °C < T< 125 °C(1)
4.5
μV/°C
Iio
Input offset current
(Vout = VCC/2)
T = 25 °C
1
10(2)
pA
-40 °C < T< 125 °C
1
300(2)
Iib
Input bias current (Vout = VCC/2)
T = 25 °C
1
10(2)
-40 °C < T< 125 °C
1
300(2)
CMR
Common mode rejection ratio
20 log (
ΔVicm/ΔVio)
Vicm = 0 V to VCC,
Vout = VCC/2, RL > 1 MΩ
T = 25 °C
72
90
dB
-40 °C < T< 125 °C
66
Avd
Large signal voltage gain
Vout = 0.5 V to (VCC - 0.5 V)
T = 25 °C
105
-40 °C < T< 125 °C
90
VOH
High level output voltage
(VOH = VCC - Vout)
T = 25 °C
75
mV
-40 °C < T< 125 °C
80
VOL
Low level output voltage
T = 25 °C
40
-40 °C < T< 125 °C
60
Iout
Isink (Vout = VCC)
T = 25 °C
6
12
mA
-40 °C < T< 125 °C
4
Isource (Vout = 0 V)
T = 25 °C
5
7
-40 °C < T< 125 °C
3
ICC
Supply current (per channel,
Vout = VCC/2, RL > 1 MΩ)
T = 25 °C
58
70
µA
-40 °C < T< 125 °C
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com