Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV731 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV731
Description  High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV731 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV731 Datasheet HTML 8Page - STMicroelectronics TSV731 Datasheet HTML 9Page - STMicroelectronics TSV731 Datasheet HTML 10Page - STMicroelectronics TSV731 Datasheet HTML 11Page - STMicroelectronics TSV731 Datasheet HTML 12Page - STMicroelectronics TSV731 Datasheet HTML 13Page - STMicroelectronics TSV731 Datasheet HTML 14Page - STMicroelectronics TSV731 Datasheet HTML 15Page - STMicroelectronics TSV731 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Electrical characteristics
TSV731, TSV732, TSV734
12/29
DocID023708 Rev 2
Figure 2. Supply current vs. supply voltage
at Vicm = VCC/2
Figure 3. Input offset voltage distribution
at VCC = 5 V, Vicm = VCC/2
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
T = 25 ˚C
T = -40 ˚C
T = 125 ˚C
Vicm = VCC/2
Supply voltage (V)
Figure 4. Input offset voltage distribution
at VCC = 3.3 V, Vicm = VCC/2
Figure 5. Input offset voltage temperature
coefficient distribution
Figure 6. Input offset voltage vs. input common
mode voltage
Figure 7. Input offset voltage vs. temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com