Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX561 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSX561
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX561 Datasheet(HTML) 1 Page - STMicroelectronics

  TSX561 Datasheet HTML 1Page - STMicroelectronics TSX561 Datasheet HTML 2Page - STMicroelectronics TSX561 Datasheet HTML 3Page - STMicroelectronics TSX561 Datasheet HTML 4Page - STMicroelectronics TSX561 Datasheet HTML 5Page - STMicroelectronics TSX561 Datasheet HTML 6Page - STMicroelectronics TSX561 Datasheet HTML 7Page - STMicroelectronics TSX561 Datasheet HTML 8Page - STMicroelectronics TSX561 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
February 2017
DocID023274 Rev 5
1/28
This is information on a product in full production.
www.st.com
TSX56x, TSX56xA
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational
amplifiers
Datasheet - production data
Features
Low power consumption: 235 µA typ. at 5 V
Supply voltage: 3 V to 16 V
Gain bandwidth product: 900 kHz typ.
Low offset voltage
“A” version: 600 µV max.
Standard version: 1 mV max.
Low input bias current: 1 pA typ.
High tolerance to ESD: 4 kV
Wide temperature range: -40 to 125 °C
Automotive qualification
Tiny packages available: SOT23-5,
DFN8 2 mm x 2 mm, MiniSO8,
QFN16 3 mm x 3 mm, and TSSOP14
Benefits
Power savings in power-conscious
applications
Easy interfacing with high impedance
sensors
Related topics
See TSX63x series for reduced power
consumption (45 mA, 200 kHz)
See TSX92x series for higher gain
bandwidth products (10 MHz)
Applications
Industrial and automotive signal conditioning
Active filtering
Medical instrumentation
High impedance sensors
Description
The TSX56x, TSX56xA series of operational
amplifiers benefit from STMicroelectronics® 16 V
CMOS technology to offer state-of-the-art
accuracy and performance in the smallest
industrial packages. The TSX56x, TSX56xA have
pinouts compatible with industrial standards and
offer an outstanding speed/power consumption
ratio, 900 kHz gain bandwidth product while
consuming only 250 µA at 16 V. Such features
make the TSX56x, TSX56xA ideal for sensor
interfaces and industrial signal conditioning. The
wide temperature range and high ESD tolerance
ease use in harsh automotive applications.
Table 1: Device summary
Version
Standard VIO
Enhanced VIO
Single
TSX561
TSX561A
Dual
TSX562
TSX562A
Quad
TSX564
TSX564A
SOT23- 5 ( single)
MiniSO8 ( dual)
TSSOP14 ( quad)
DFN8 2x 2 ( dual)
QFN16 3x 3 ( quad)


Similar Part No. - TSX561

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX561 STMICROELECTRONICS-TSX561 Datasheet
1,018Kb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
600
TSX561A STMICROELECTRONICS-TSX561A Datasheet
1,018Kb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
600
TSX561AILT STMICROELECTRONICS-TSX561AILT Datasheet
1Mb / 27P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
23-May-2013
TSX561AILT STMICROELECTRONICS-TSX561AILT Datasheet
1,018Kb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
600
TSX561AIYLT STMICROELECTRONICS-TSX561AIYLT Datasheet
1Mb / 27P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
23-May-2013
More results

Similar Description - TSX561

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV629X STMICROELECTRONICS-TSV629X Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
Wide bandwidth dual JFET operational amplifiers
25-Mar-2010
TSX561ILT STMICROELECTRONICS-TSX561ILT Datasheet
1Mb / 27P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
23-May-2013
TSX631 STMICROELECTRONICS-TSX631 Datasheet
1Mb / 31P
Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
26-Mar-2013
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
STMicroelectronics
TSX561 STMICROELECTRONICS-TSX561 Datasheet
1,018Kb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
600
TSV731 STMICROELECTRONICS-TSV731 Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
Micropower (60 μA), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com