Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX561 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TSX561
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX561 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TSX561 Datasheet HTML 20Page - STMicroelectronics TSX561 Datasheet HTML 21Page - STMicroelectronics TSX561 Datasheet HTML 22Page - STMicroelectronics TSX561 Datasheet HTML 23Page - STMicroelectronics TSX561 Datasheet HTML 24Page - STMicroelectronics TSX561 Datasheet HTML 25Page - STMicroelectronics TSX561 Datasheet HTML 26Page - STMicroelectronics TSX561 Datasheet HTML 27Page - STMicroelectronics TSX561 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Ordering information
TSX56x, TSX56xA
26/28
DocID023274 Rev 5
7
Ordering information
Table 12: Order codes
Order code
Temperature
range
Channel
number
Package
Packaging
Marking
TSX561ILT
-40 to 125 °C
1
SΟΤ23-5
Tape and
reel
K23
TSX562IQ2T
2
DFN8 2x2
TSX562IST
MiniSO8
TSX564IQ4T
4
QFN16 3x3
TSX564IPT
TSSOP14
TSX5641
TSX561IYLT (1)
-40 to 125 °C
automotive grade
1
SΟΤ23-5
K116
TSX562IYST (1)
2
MiniSO8
TSX564IYPT (1)
4
TSSOP14
TSX5641Y
TSX561AILT
-40 to 125 °C
1
SΟΤ23-5
K117
TSX562AIST
2
MiniSO8
TSX564AIPT
4
TSSOP14
TSX564AI
TSX561AIYLT (1)
-40 to 125 °C
automotive grade
1
SΟΤ23-5
K118
TSX562AIYST (1)
2
MiniSO8
TSX564AIYPT (1)
4
TSSOP14
TSX564AIY
Notes:
(1)Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to
AEC Q001 & Q 002 or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com