Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX561A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSX561A
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX561A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSX561A Datasheet HTML 6Page - STMicroelectronics TSX561A Datasheet HTML 7Page - STMicroelectronics TSX561A Datasheet HTML 8Page - STMicroelectronics TSX561A Datasheet HTML 9Page - STMicroelectronics TSX561A Datasheet HTML 10Page - STMicroelectronics TSX561A Datasheet HTML 11Page - STMicroelectronics TSX561A Datasheet HTML 12Page - STMicroelectronics TSX561A Datasheet HTML 13Page - STMicroelectronics TSX561A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Electrical characteristics
TSX56x, TSX56xA
10/28
DocID023274 Rev 5
Table 6: Electrical characteristics at VCC+ = 16 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and
RL
= 10 kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSX56xA, T = 25 °C
600
μV
TSX56xA, -40 °C < T < 125 °C
1800
TSX56x, T = 25 °C
1
mV
TSX56x, -40 °C < T < 125 °C
2.2
ΔVio/ΔT
Input offset voltage drift
-40 °C < T < 125 °C (1)
2
12
µV/°C
ΔVio
Long-term input offset
voltage drift
T = 25 °C (2)
1.6
nV/
√month
Iib
Input bias current,
Vout = VCC/2
T = 25 °C
1
100 (3)
pA
-40 °C < T < 125 °C
1
200 (3)
Iio
Input offset current,
Vout = VCC/2
T = 25 °C
1
100 (3)
-40 °C < T < 125 °C
1
200 (3)
CMR1
Common mode rejection
ratio, CMR = 20 log
(ΔVic/ΔVio), Vic = -0.1 V to
VCC - 1.5 V, Vout = VCC/2,
RL
> 1 MΩ
T = 25 °C
76
95
dB
-40 °C < T < 125 °C
72
CMR2
Common mode rejection
ratio, CMR = 20 log
(ΔVic/ΔVio), Vic = -0.1 V to
VCC + 0.1 V, Vout = VCC/2,
RL
> 1 MΩ
T = 25 °C
60
78
-40 °C < T < 125 °C
56
SVR
Common mode rejection
ratio, 20 log (ΔVCC/ΔVio),
VCC = 3 V to 16 V,
Vout = Vicm = VCC/2
T = 25 °C
76
90
-40 °C < T < 125 °C
72
Avd
Large signal voltage gain,
Vout = 0.5 V to (VCC - 0.5 V),
RL
> 1 MΩ
T = 25 °C
85
-40 °C < T < 125 °C
83
VOH
High-level output voltage,
VOH = VCC - Vout
RL
= 10 kΩ, T = 25 °C
70
mV
RL
= 10 kΩ, -40 °C < T < 125 °C
100
VOL
Low-level output voltage
RL
= 10 kΩ, T = 25 °C
70
RL
= 10 kΩ, -40 °C < T < 125 °C
100
Iout
Isink
Vout = VCC, T = 25 °C
40
92
mA
Vout = VCC, -40 °C < T < 125 °C
35
Isource
Vout = 0 V, T = 25 °C
30
90
Vout = 0 V, -40 °C < T < 125 °C
25
ICC
Supply current, per
channel, Vout = VCC/2,
RL
> 1 MΩ
T = 25 °C
250
360
μA
-40 °C < T < 125 °C
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com