Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX561A Datasheet(PDF) 27 Page - STMicroelectronics

Part # TSX561A
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX561A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TSX561A Datasheet HTML 20Page - STMicroelectronics TSX561A Datasheet HTML 21Page - STMicroelectronics TSX561A Datasheet HTML 22Page - STMicroelectronics TSX561A Datasheet HTML 23Page - STMicroelectronics TSX561A Datasheet HTML 24Page - STMicroelectronics TSX561A Datasheet HTML 25Page - STMicroelectronics TSX561A Datasheet HTML 26Page - STMicroelectronics TSX561A Datasheet HTML 27Page - STMicroelectronics TSX561A Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
TSX56x, TSX56xA
Revision history
DocID023274 Rev 5
27/28
8
Revision history
Table 13: Document revision history
Date
Revision
Changes
06-Aug-2012
1
Initial release.
18-Sep-2012
2
Added TSX562, TSX564, TSX562A, and TSX564A devices.
Updated Features, Description, Figure 1, Table 1 (added DFN8, MiniSO8, QFN16,
and TSSOP14 package).
Updated Table 1 (updated ESD MM values).
Updated Table 4 and Table 5 (added footnotes), Section 5 (added Figure 24 to
Figure 28 and Table 8 to Table 12), Table 13 (added dual and quad devices).
Minor corrections throughout document.
23-May-2013
3
Replaced the silhouette, pinout, package diagram, and mechanical data of the DFN8
2x2 and QFN16 3x3 packages.
Added Benefits and Related products.
Table 1: updated Rthja values and added Rthjc values for DFN8 2x2 and QFN16 3x3.
Updated Section 4.3, Section 4.4, and Section 4.6
Replaced Figure 23: SOT23-5 package mechanical drawing and Table 7: SOT23-5
package mechanical data.
09-Aug-2013
4
Added SO8 package for dual version TSX562 and TSX562A.
Table 2: updated for SO8 package
Table 13: added order codes TSX562IDT, TSX562IYDT, TSX562AIDT,
TSX562AIYDT; updated automotive grade status.
07-Feb-2017
5
Removed SO8 package
Table 8: "DFN8 2x2 mechanical data": removed "N"
Table 11: "TSSOP14 mechanical data": added "L" and " L1" in inches; updated "aaa"
in inches.
Table 12: "Order codes": removed TSX562IDT, TSX562IYDT, TSX562AIDT,
TSX562AIYDT.
Updated terminology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com