Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX711 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSX711
Description  Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX711 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSX711 Datasheet HTML 5Page - STMicroelectronics TSX711 Datasheet HTML 6Page - STMicroelectronics TSX711 Datasheet HTML 7Page - STMicroelectronics TSX711 Datasheet HTML 8Page - STMicroelectronics TSX711 Datasheet HTML 9Page - STMicroelectronics TSX711 Datasheet HTML 10Page - STMicroelectronics TSX711 Datasheet HTML 11Page - STMicroelectronics TSX711 Datasheet HTML 12Page - STMicroelectronics TSX711 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TSX711, TSX711A, TSX712
Electrical characteristics
DocID025959 Rev 5
9/31
nV
month
---------------------------
Table 5: Electrical characteristics at VCC+ = 16 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 °C, and
RL
> 10 kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
(TSX711,
TSX712)
Input offset voltage
Vicm = VCC/2
200
μV
Tmin < Top < 85 °C
365
Tmin < Top < 125 °C
450
Vio
(TSX711A)
Vicm = VCC/2
100
Tmin < Top < 85 °C
265
Tmin < Top < 125 °C
350
ΔVio/ΔT
Input offset voltage drift (1)
2.5
μV/°C
ΔVio
Long term input offset
voltage drift (2)
T = 25 °C
500
Iib
Input bias current (1)
Vout = VCC/2
1
50
pA
Tmin < Top < Tmax
200
Iio
Input offset current (1)
Vout = VCC/2
1
50
Tmin < Top < Tmax
200
RIN
Input resistance
1
CIN
Input capacitance
12.5
pF
CMRR
(TSX711,
TSX711A)
Common mode rejection
ratio 20 log (ΔVic/ΔVio)
Vicm = -0.1 to 16.1 V, Vout = VCC/2
94
113
dB
Tmin < Top < Tmax
90
Vicm = -0.1 to 14 V, Vout = VCC/2
110
116
Tmin < Top < Tmax
96
CMRR
(TSX712)
Vicm = -0.1 to 16.1 V, Vout = VCC/2
94
107
Tmin < Top < Tmax
90
Vicm = -0.1 to 14 V, Vout = VCC/2
100
107
Tmin < Top < Tmax
90
SVRR
Supply voltage rejection
ratio 20 log (ΔVcc/ΔVio)
Vcc = 4 to 16 V
100
131
Tmin < Top < Tmax
90
Avd
Large signal voltage gain
RL
= 2 kΩ, Vout = 0.3 to 15.7 V
110
146
Tmin < Top < Tmax
100
RL
= 10 kΩ, Vout = 0.2 to 15.8 V
110
149
Tmin < Top < Tmax
100
VOH
High level output voltage
(voltage drop from VCC+)
RL
= 2 kΩ (TSX711, TSX711A)
100
130
mV
RL
= 2 kΩ (TSX712)
70
130
Tmin < Top < Tmax
150
RL
= 10 kΩ
16
40
Tmin < Top < Tmax
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com