Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX711 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSX711
Description  Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX711 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSX711 Datasheet HTML 16Page - STMicroelectronics TSX711 Datasheet HTML 17Page - STMicroelectronics TSX711 Datasheet HTML 18Page - STMicroelectronics TSX711 Datasheet HTML 19Page - STMicroelectronics TSX711 Datasheet HTML 20Page - STMicroelectronics TSX711 Datasheet HTML 21Page - STMicroelectronics TSX711 Datasheet HTML 22Page - STMicroelectronics TSX711 Datasheet HTML 23Page - STMicroelectronics TSX711 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Application information
TSX711, TSX711A, TSX712
20/31
DocID025959 Rev 5
5.7
High values of input differential voltage
In a closed loop configuration, which represents the typical use of an op amp, the input
differential voltage is low (close to Vio). However, some specific conditions can lead to
higher input differential values, such as:
operation in an output saturation state
operation at speeds higher than the device bandwidth, with output voltage dynamics
limited by slew rate.
use of the amplifier in a comparator configuration, hence in open loop
Use of the TSX711, TSX711A, or TSX712 in comparator configuration, especially
combined with high temperature and long duration can create a permanent drift of Vio.
5.8
Capacitive load
Driving large capacitive loads can cause stability problems. Increasing the load
capacitance produces gain peaking in the frequency response, with overshoot and ringing
in the step response. It is usually considered that with a gain peaking higher than 2.3 dB an
op amp might become unstable.
Generally, the unity gain configuration is the worst case for stability and the ability to drive
large capacitive loads.
Figure 34: "Stability criteria with a serial resistor at different supply voltage" shows the
serial resistor that must be added to the output, to make a system stable. Figure 35: "Test
configuration for Riso" shows the test configuration using an isolation resistor, Riso.
Figure 34: Stability criteria with a serial resistor at different supply voltage
100 p
1n
10 n
100 n
10
100
1000
Vcc=2.7V
Vcc=16V
Unstable
Stable
Vicm=Vcc/2
Rl=10k
Ω
Gain=1
T=25°C
Cload (F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com