Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7191A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSX7191A
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7191A Datasheet(HTML) 4 Page - STMicroelectronics

  TSX7191A Datasheet HTML 1Page - STMicroelectronics TSX7191A Datasheet HTML 2Page - STMicroelectronics TSX7191A Datasheet HTML 3Page - STMicroelectronics TSX7191A Datasheet HTML 4Page - STMicroelectronics TSX7191A Datasheet HTML 5Page - STMicroelectronics TSX7191A Datasheet HTML 6Page - STMicroelectronics TSX7191A Datasheet HTML 7Page - STMicroelectronics TSX7191A Datasheet HTML 8Page - STMicroelectronics TSX7191A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Absolute maximum ratings and operating
conditions
TSX7191, TSX7191A
4/25
DocID026747 Rev 3
2
Absolute maximum ratings and operating conditions
Table 1: Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
18
V
Vid
Differential input voltage (2)
±VCC
mV
Vin
Input voltage
VCC- - 0.2 to VCC++ 0.2
V
Iin
Input current (3)
10
mA
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient (4) (5)
250
°C/W
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model (6)
4000
V
MM: machine model (7)
100
CDM: charged device model (8)
1500
Latch-up immunity
200
mA
Notes:
(1)All voltage values, except the differential voltage are with respect to the network ground terminal.
(2)Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. See Section
4.7 for the precautions to follow when using the TSX711 with a high differential input voltage.
(3)Input current must be limited by a resistor in series with the inputs.
(4)Rth are typical values.
(5)Short-circuits can cause excessive heating and destructive dissipation.
(6)According to JEDEC standard JESD22-A114F.
(7)According to JEDEC standard JESD22-A115A.
(8)According to ANSI/ESD STM5.3.1
Table 2: Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 16
V
Vicm
Common mode input voltage range
VCC- - 0.1 to VCC+ + 0.1
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com