Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7191A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSX7191A
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7191A Datasheet(HTML) 1 Page - STMicroelectronics

  TSX7191A Datasheet HTML 1Page - STMicroelectronics TSX7191A Datasheet HTML 2Page - STMicroelectronics TSX7191A Datasheet HTML 3Page - STMicroelectronics TSX7191A Datasheet HTML 4Page - STMicroelectronics TSX7191A Datasheet HTML 5Page - STMicroelectronics TSX7191A Datasheet HTML 6Page - STMicroelectronics TSX7191A Datasheet HTML 7Page - STMicroelectronics TSX7191A Datasheet HTML 8Page - STMicroelectronics TSX7191A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
March 2017
DocID026747 Rev 3
1/25
This is information on a product in full production.
www.st.com
TSX7191, TSX7191A
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational
amplifier
Datasheet - production data
Features
Low input offset voltage: 200 µV max.
Rail-to-rail input and output
Low current consumption: 850 µA max.
Gain bandwidth product: 9 MHz
Low supply voltage: 2.7 - 16 V
Stable when used with Gain ≥ 10
Low input bias current: 50 pA max.
High ESD tolerance: 4 kV HBM
Extended temp. range: -40 °C to +125 °C
Automotive qualification
Related products
See the TSX711 for lower speeds with
similar precision
See the TSX561 for low-power features
See the TSX631 for micro-power features
See the TSX921 for higher speeds
Applications
Battery-powered instrumentation
Instrumentation amplifier
Active filtering
High-impedance sensor interface
Current sensing (high and low side)
Description
The TSX7191, TSX7191A single, operational
amplifier (op amp) offers high precision
functioning with low input offset voltage down to a
maximum of 200 µV at 25 °C. In addition, its rail-
to-rail input and output functionality allows this
product to be used on full range input and output
without limitation. This is particularly useful for a
low-voltage supply such as 2.7 V that the
TSX7191, TSX7191A is able to operate with.
Thus, the TSX7191, TSX7191A has the great
advantage of offering a large span of supply
voltages, ranging from 2.7 V to 16 V. It can be
used in multiple applications with a unique
reference.
Low input bias current performance makes the
TSX7191, TSX7191A perfect when used for
signal conditioning in sensor interface
applications. In addition, low-side and high-side
current measurements can be easily made
thanks to rail-to-rail functionality. The TSX7191,
TSX7191A is a decompensated amplifier and
must be used with a gain greater than 10 to
ensure stability.
High ESD tolerance (4 kV HBM) and a wide
temperature range are also good arguments to
use the TSX7191, TSX7191A in the automotive
market segment.


Similar Part No. - TSX7191A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX7192 STMICROELECTRONICS-TSX7192 Datasheet
702Kb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
TSX7192IDT STMICROELECTRONICS-TSX7192IDT Datasheet
702Kb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
TSX7192IST STMICROELECTRONICS-TSX7192IST Datasheet
702Kb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
TSX7192IYDT STMICROELECTRONICS-TSX7192IYDT Datasheet
702Kb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
TSX7192IYST STMICROELECTRONICS-TSX7192IYST Datasheet
702Kb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
More results

Similar Description - TSX7191A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712 Datasheet
47Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSX7192 STMICROELECTRONICS-TSX7192 Datasheet
702Kb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
logo
Analog Devices
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
21-Mar-2017
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com