Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX921ILT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSX921ILT
Description  10 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX921ILT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSX921ILT Datasheet HTML 3Page - STMicroelectronics TSX921ILT Datasheet HTML 4Page - STMicroelectronics TSX921ILT Datasheet HTML 5Page - STMicroelectronics TSX921ILT Datasheet HTML 6Page - STMicroelectronics TSX921ILT Datasheet HTML 7Page - STMicroelectronics TSX921ILT Datasheet HTML 8Page - STMicroelectronics TSX921ILT Datasheet HTML 9Page - STMicroelectronics TSX921ILT Datasheet HTML 10Page - STMicroelectronics TSX921ILT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TSX920, TSX921, TSX922, TSX923
Electrical characteristics
DocID024310 Rev 4
7/32
Table 5: Electrical characteristics at VCC+ = 10 V with VCC- = 0 V, Vicm = VCC/2,
Tamb = 25 °C, and RL = 10 kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vicm = 2 V (all order codes except
TSX922IYST and TSX922IYDT)
4
mV
Tmin < Top < Tmax
5
Vicm = 2 V (TSX922IYST and
TSX922IYDT order codes only)
5
Tmin < Top < Tmax
6.5
∆Vio/∆T
Input offset voltage drift
All order codes except TSX922IYST
and TSX922IYDT
2
10
μV/°C
TSX922IYST and TSX922IYDT
order codes only
2
15
∆Vio
Long-term input offset
voltage drift
(1)(2)
TSX920/TSX921
92
nV/√month
TSX922/TSX923
128
Iib
Input bias current
Vout = VCC/2
10
100
pA
Tmin < Top < Tmax
200
Iio
Input offset current
Vout = VCC/2
10
100
Tmin < Top < Tmax
200
RIN
Input resistance
1
TΩ
CIN
Input capacitance
8
pF
CMRR
Common mode rejection
ratio 20 log (ΔVic/ΔVio)
Vicm = -0.1 V to 7 V, VOUT = VCC/2
72
85
dB
Tmin < Top < Tmax
70
Vicm = -0.1 V to 10.1 V,
VOUT = VCC/2
64
75
Tmin < Top < Tmax
62
Avd
Large signal voltage gain
RL= 2 kΩ, Vout = 0.3 V to 9.7 V
100
107
Tmin < Top < Tmax
90
RL= 10 kΩ, Vout = 0.2 V to 9.8 V
100
117
Tmin < Top < Tmax
90
VOH
High-level output voltage
RL= 2 kΩ tο VCC/2
94
110
mV from
VCC+
Tmin < Top < Tmax
130
RL= 10 kΩ tο VCC/2
31
40
Tmin < Top < Tmax
50
VOL
Low-level output voltage
RL= 2 kΩ tο VCC/2
80
110
mV
Tmin < Top < Tmax
130
RL= 10 kΩ tο VCC/2
14
40
Tmin < Top < Tmax
50
Iout
Isink
Vout = 10 V
50
55
mA
Tmin < Top < Tmax
42
Isource
Vout = 0 V
75
82
Tmin < Top < Tmax
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com