Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX921ILT Datasheet(PDF) 31 Page - STMicroelectronics

Part # TSX921ILT
Description  10 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX921ILT Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TSX921ILT Datasheet HTML 24Page - STMicroelectronics TSX921ILT Datasheet HTML 25Page - STMicroelectronics TSX921ILT Datasheet HTML 26Page - STMicroelectronics TSX921ILT Datasheet HTML 27Page - STMicroelectronics TSX921ILT Datasheet HTML 28Page - STMicroelectronics TSX921ILT Datasheet HTML 29Page - STMicroelectronics TSX921ILT Datasheet HTML 30Page - STMicroelectronics TSX921ILT Datasheet HTML 31Page - STMicroelectronics TSX921ILT Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
TSX920, TSX921, TSX922, TSX923
Revision history
DocID024310 Rev 4
31/32
8
Revision history
Table 14: Document revision history
Date
Revision
Changes
12-Apr-2013
1
Initial release
27-Jun-2013
2
Added TSX920,TSX922, TSX923 devices.
Added packages for TSX920,TSX922, and TSX923.
Added shutdown characteristics in Table 4, Table 5, and Table 6.
Added Figure 35, Figure 36, and Figure 37.
Updated Table 13 for new order codes.
10-Dec-2013
3
Added long-term input offset voltage drift parameter in Table 4, Table 5,
and Table 6.
Added Section 5.4: Input offset voltage drift over temperature in
Section 5: Application information.
Added Section 5.5: Long-term input offset voltage drift section in
Section 5: Application information.
14-Jan-2016
4
Updated document layout
Table 4, Table 5, and Table 6: updated Vio and DVio/DT parameters
Table 7: updated inches dimension "B" (typ) and "L" (typ and max) to
align with rounded-off values of POA.
Table 10: updated minimum mm dimensions for "k"
Table 13: "Order codes": added order codes TSX922IYST and
TSX922IYDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com