Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX9292 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSX9292
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9292 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSX9292 Datasheet HTML 13Page - STMicroelectronics TSX9292 Datasheet HTML 14Page - STMicroelectronics TSX9292 Datasheet HTML 15Page - STMicroelectronics TSX9292 Datasheet HTML 16Page - STMicroelectronics TSX9292 Datasheet HTML 17Page - STMicroelectronics TSX9292 Datasheet HTML 18Page - STMicroelectronics TSX9292 Datasheet HTML 19Page - STMicroelectronics TSX9292 Datasheet HTML 20Page - STMicroelectronics TSX9292 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
DocID024568 Rev 4
17/31
TSX9291, TSX9292
Application information
31
4
Application information
4.1
Operating voltages
The TSX929x series of operation amplifiers can operate from 4 V to 16 V. Parameters are
fully specified at 4.5 V, 10 V, and 16 V power supplies. However, parameters are very stable
in the full VCC range. Additionally, the main specifications are guaranteed in the extended
temperature range of -40 to +125 °C.
4.2
Rail-to-rail input
The TSX9291 and TSX9292 are designed with two complementary PMOS and NMOS input
differential pairs. The devices have a rail-to-rail input and the input common mode range is
extended from (VCC-) - 0.1 V to (VCC+) + 0.1 V. However, the performance of these devices
is clearly optimized for the PMOS differential pairs (which means from (VCC-) - 0.1 V to
(VCC+) - 2 V).
Beyond (VCC+) - 2 V, the operational amplifiers are still functional but with downgraded
performances (see Figure 19). Performances are still suitable for a large number of
applications requiring the rail-to-rail input feature.
TSX9291 and TSX9292 are designed to prevent phase reversal.
4.3
Input pin voltage range
The TSX929x series has internal ESD diode protection on the inputs. These diodes are
connected between the input and each supply rail to protect MOSFETs inputs from
electrostatic discharges.
Thus, if the input pin voltage exceeds the power supply by 0.5 V, the ESD diodes become
conductive and excessive current could flow through them. To prevent any permanent
damage, this current must be limited to 10 mA. This can be done by adding a resistor, Rs, in
series with the input pin (Figure 35). The Rs resistor value has to be calculated for a 10 mA
current limitation on the input pins.
Figure 35. Limiting input current with a series resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com