Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX9292 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSX9292
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9292 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSX9292 Datasheet HTML 19Page - STMicroelectronics TSX9292 Datasheet HTML 20Page - STMicroelectronics TSX9292 Datasheet HTML 21Page - STMicroelectronics TSX9292 Datasheet HTML 22Page - STMicroelectronics TSX9292 Datasheet HTML 23Page - STMicroelectronics TSX9292 Datasheet HTML 24Page - STMicroelectronics TSX9292 Datasheet HTML 25Page - STMicroelectronics TSX9292 Datasheet HTML 26Page - STMicroelectronics TSX9292 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
DocID024568 Rev 4
23/31
TSX9291, TSX9292
Application information
31
4.8
High side current sensing
TSX9291 and TSX9292 rail to rail input devices can be used to measure a small differential
voltage on a high side shunt resistor and translate it into a ground referenced output voltage.
The gain is fixed by external resistance.
Figure 41. High side current sensing configuration
VOUT can be expressed as shown in Equation 8.
Equation 8
Assuming that Rf2 = Rf1 = Rf and Rg2 = Rg1 = Rg, Equation 8 can be simplified as
Equation 9.
Equation 9
With the TSX929x series, the high side current measurement must be made by respecting
the common mode voltage of the amplifier: (VCC-) - 0.1V to (VCC+) + 0.1V. If the application
requires a higher common voltage, please refer to the TSC high side current sensing family.
Vout
Rshunt I1
Rg2
Rg2 Rf2
+
-------------------------⎠
⎞ 1
Rf1
Rg1
----------
+
⎝⎠
⎛⎞
–
⎝
⎛
×
Ip
Rg2Rf2
Rg2 Rf2
+
-------------------------
⎝⎠
⎛⎞
1
Rf1
Rg1
----------
+
⎝⎠
⎛⎞ I
nxRf1
Vio 1
Rf1
Rg1
----------
+
⎝⎠
⎛⎞
–
–
×
+
=
Vout
Rshunt I
Rf
Rg
-------⎠
⎞
⎝
⎛
×
Vio 1
Rf
Rg
-------
+
⎝⎠
⎛⎞
–
Rf Iio
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com