Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IST Datasheet(PDF) 27 Page - STMicroelectronics

Part # TSZ182IST
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IST Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TSZ182IST Datasheet HTML 23Page - STMicroelectronics TSZ182IST Datasheet HTML 24Page - STMicroelectronics TSZ182IST Datasheet HTML 25Page - STMicroelectronics TSZ182IST Datasheet HTML 26Page - STMicroelectronics TSZ182IST Datasheet HTML 27Page - STMicroelectronics TSZ182IST Datasheet HTML 28Page - STMicroelectronics TSZ182IST Datasheet HTML 29Page - STMicroelectronics TSZ182IST Datasheet HTML 30Page - STMicroelectronics TSZ182IST Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
TSZ182
Application information
DocID029836 Rev 1
27/39
5.11
Overload recovery
Overload recovery is defined as the time required for the op amp output to recover from a
saturated state to a linear state.
The saturation state occurs when the output voltage gets very close to either rail in the
application. It can happen due to an excessive input voltage or when the gain setting is too
high.
When the output of the TSZ182 enters in saturation state it needs 10 µs to get back to a
linear state as shown in Figure 58: "Negative overvoltage recovery VCC = 5 V" and Figure
59: "Positive overvoltage recovery VCC = 5 V".
Figure 36: "Negative overvoltage recovery VCC = 2.2 V" and Figure 37: "Positive
overvoltage recovery VCC = 2.2 V" show the overvoltage recovery for a VCC = 2.2 V.
Figure 58: Negative overvoltage recovery VCC = 5 V
Figure 59: Positive overvoltage recovery VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com