Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IST Datasheet(PDF) 32 Page - STMicroelectronics

Part # TSZ182IST
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IST Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TSZ182IST Datasheet HTML 28Page - STMicroelectronics TSZ182IST Datasheet HTML 29Page - STMicroelectronics TSZ182IST Datasheet HTML 30Page - STMicroelectronics TSZ182IST Datasheet HTML 31Page - STMicroelectronics TSZ182IST Datasheet HTML 32Page - STMicroelectronics TSZ182IST Datasheet HTML 33Page - STMicroelectronics TSZ182IST Datasheet HTML 34Page - STMicroelectronics TSZ182IST Datasheet HTML 35Page - STMicroelectronics TSZ182IST Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Application information
TSZ182
32/39
DocID029836 Rev 1
5.14.3
Low-side current sensing
Power management mechanisms are found in most electronic systems. Current sensing is
useful for protecting applications. The low-side current sensing method consists of placing
a sense resistor between the load and the circuit ground. The resulting voltage drop is
amplified using the TSZ182 (see Figure 64: "Low-side current sensing schematic").
Figure 64: Low-side current sensing schematic
Vout can be expressed as follows:
Equation 3
Assuming that Rf2 = Rf1 = Rf and Rg2 = Rg1 = Rg, Equation 3 can be simplified as follows:
Equation 4
The main advantage of using the chopper of the TSZ182 for a low-side current sensing,
is that the errors due to Vio and Iio are extremely low and may be neglected.
Therefore, for the same accuracy, the shunt resistor can be chosen with a lower value,
resulting in lower power dissipation, lower drop in the ground path, and lower cost.
Particular attention must be paid to the matching and precision of Rg1, Rg2, Rf1, and Rf2,
to maximize the accuracy of the measurement.
-
+
+
-
Rshunt
Rg 1
Rg 2
C1
Rf1
5 V
Vout
Rf2
T SZ182
I
In
Ip
V
ou t
R
shun t
I 1
R
g2
R
g2
R
f2
+
1
R
f1
R
g1
–
×
I
p
R
g2
R
f2
R
g2
R
f2
1
R
f1
R
g1
l
n
R
f1
V
io 1
R
f1
R
g1
+
–
–
+
=
+
+
×
×
+
×
V
out
R
shunt
I
R
f
R
g
×
V
io 1
R
f
R
g
–
R
f
I
io
×
+
=
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com