Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF01W6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # USBUF01W6
Description  EMI filter and line termination for USB upstream ports
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF01W6 Datasheet(HTML) 4 Page - STMicroelectronics

  USBUF01W6 Datasheet HTML 1Page - STMicroelectronics USBUF01W6 Datasheet HTML 2Page - STMicroelectronics USBUF01W6 Datasheet HTML 3Page - STMicroelectronics USBUF01W6 Datasheet HTML 4Page - STMicroelectronics USBUF01W6 Datasheet HTML 5Page - STMicroelectronics USBUF01W6 Datasheet HTML 6Page - STMicroelectronics USBUF01W6 Datasheet HTML 7Page - STMicroelectronics USBUF01W6 Datasheet HTML 8Page - STMicroelectronics USBUF01W6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Technical information
USBUF
4/13
DocID7041 Rev 8
2.1
Application example
Figure 3. Implementation of ST solutions for USB ports
2.2
EMI filtering
Current FCC regulations requires that class B computing devices meet specified maximum
levels for both radiated and conducted EMI.
•
Radiated EMI covers the frequency range from 30 MHz to 1 GHz.
•
Conducted EMI covers the 450 kHz to 30 MHz range.
For the types of devices utilizing the USB, the most difficult test to pass is usually the
radiated EMI test. For this reason the USBUF device is aiming to minimize radiated EMI.
The differential signal (D+ and D-) of the USB does not contribute significantly to radiated or
conducted EMI because the magnetic field of both conductors cancels each other.
The inside of the PC environment is very noisy and designers must minimize noise coupling
from the different sources. D+ and D-must not be routed near high speed lines (clocks
spikes).
Induced common mode noise can be minimized by running pairs of USB signals parallel to
each other and running grounded guard trace on each side of the signal pair from the USB
controller to the USBUF device. If possible, locate the USBUF device physically near the
D+
D-
CABLE
D-
D+
D+
D-
Upstream port
Downstream port
USBDF01W5
D+
D-
Rt
D+ in
Gnd
D- in
D+ out
D- out
Rt
Rd
Rd
Ct
Ct
Gnd
3.3 V
Rp
Ct
Rt
Ct
Rt
D1
Gnd
D2
D4
D3
3.3V
USBUF01W6
D+
D-
CABLE
D-
D+
D+
D-
Upstream port
Downstream port
USBDF01W5
D+
D-
Rt
D+ in
Gnd
D- in
D+ out
D- out
Rt
Rd
Rd
Ct
Ct
Gnd
3.3 V
Rp
Ct
Rt
Ct
Rt
D1
Gnd
D2
D4
D3
3.3V
USBUF01W6
FULL SPEED CONNECTION
LOW SPEED CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com