Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF01W6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # USBUF01W6
Description  EMI filter and line termination for USB upstream ports
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF01W6 Datasheet(HTML) 5 Page - STMicroelectronics

  USBUF01W6 Datasheet HTML 1Page - STMicroelectronics USBUF01W6 Datasheet HTML 2Page - STMicroelectronics USBUF01W6 Datasheet HTML 3Page - STMicroelectronics USBUF01W6 Datasheet HTML 4Page - STMicroelectronics USBUF01W6 Datasheet HTML 5Page - STMicroelectronics USBUF01W6 Datasheet HTML 6Page - STMicroelectronics USBUF01W6 Datasheet HTML 7Page - STMicroelectronics USBUF01W6 Datasheet HTML 8Page - STMicroelectronics USBUF01W6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID7041 Rev 8
5/13
USBUF
Technical information
13
USB connectors. Distance between the USB controller and the USB connector must be
minimized.
The 47 pF (Ct) capacitors are used to bypass high frequency energy to ground and for edge
control, and are placed between the driver chip and the series termination resistors (Rt).
Both Ct and Rt should be placed as close to the driver chip as is practicable.
The USBUF ensures a filtering protection against Electromagnetic and Radio-frequency
Interferences thanks to its low-pass filter structure. This filter is characterized by the
following parameters:
•
cut-off frequency
•
Insertion loss
•
high frequency rejection.
2.3
ESD protection
In addition to the requirements of termination and EMC compatibility, computing devices are
required to be tested for ESD susceptibility. This test is described in the IEC 61000-4-2 and
is already in place in Europe. This test requires that a device tolerates ESD events and
remains operational without user intervention.
The USBUF is particularly optimized to perform ESD protection. ESD protection is based on
the use of device which clamps at:
Vcl = VBR + Rd .IPP
This protection function is spitted in 2 stages. As shown in Figure 6, the ESD strikes are
clamped by the first stage S1 and then its remaining overvoltage is applied to the second
stage through the resistor Rt. Such a configuration makes the output voltage very low at the
output.
Figure 4. USBUF typical attenuation
Figure 5. Measurement configuration
1
10
100
1,000
-30
-20
-10
0
Frequency (MHz)
S21 (dB)
TEST BOARD
50
Ω
Vg
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com