Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPer22ADIP-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VIPer22ADIP-E
Description  Low power OFF-line SMPS primary switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPer22ADIP-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VIPer22ADIP-E Datasheet HTML 9Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 10Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 11Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 12Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 13Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 14Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 15Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 16Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
VIPer22A-E, VIPer22ADIP-E, VIPer22AS-E
Operation pictures
Doc ID 12050 Rev 2
13/21
5
Operation pictures
Figure 9.
Rise and fall time
Figure 10. Start-up VDD current
Figure 11. Restart duty-cycle
ID
VDS
90%
10%
tfv
trv
t
t
L
D
300V
C
FB
VDD
DRAIN
SOURCE
CONTROL
VIPer22A
C << Coss
VDD
VDDhyst
VDDoff
VDDon
IDD0
IDDch
100 V
≤ V
DS ≤ 400 V
Fsw = 0 kHz
IDD
100V
10 F
FB
VDD
DRAIN
SOURCE
CONTROL
VIPer22A
2V
t
VDD
VDDoff
VDDon
tCH
tST
D
RST
t
ST
t
ST
t
CH
+
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com