Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPer22ADIP-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPer22ADIP-E
Description  Low power OFF-line SMPS primary switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPer22ADIP-E Datasheet(HTML) 5 Page - STMicroelectronics

  VIPer22ADIP-E Datasheet HTML 1Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 2Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 3Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 4Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 5Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 6Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 7Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 8Page - STMicroelectronics VIPer22ADIP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
VIPer22A-E, VIPer22ADIP-E, VIPer22AS-E
Electrical characteristics
Doc ID 12050 Rev 2
5/21
Table 6.
Oscillation section
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
FOSC
Oscillator frequency
total variation
VDD = VDDoff ... 35 V;
TJ = 0 ... 100 °C
54
60
66
kHz
Table 7.
PWM comparator section
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
GID
IFB to ID current gain
(See Figure 12 on page 14)
560
IDlim
Peak current
limitation
VFB = 0 V
(See Figure 12 on page 14)
0.56
0.7
0.84
A
IFBsd
IFB shutdown current
(See Figure 12 on page 14)
0.9
mA
RFB
FB pin input
impedance
ID = 0 mA
(See Figure 12 on page 14)
1.2
k
Ω
td
Current sense delay
to turn-OFF
ID = 0.4 A
200
ns
tb
Blanking time
500
ns
tONmin
Minimum turn-ON
time
700
ns
Table 8.
Overtemperature section
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
TSD
Thermal shutdown
temperature
(See Figure 13 on page 14)
140
170
°C
THYST
Thermal shutdown
hysteresis
(See Figure 13 on page 14)
40
°C
Table 9.
Typical power capability (1)
1.
Above power capabilities are given under adequate thermal conditions
Mains type
SO-8
DIP-8
European (195 - 265 Vac)
12 W
20 W
US / Wide range (85 - 265 Vac)
7 W
12 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com