Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER27HN Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER27HN
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27HN Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER27HN Datasheet HTML 13Page - STMicroelectronics VIPER27HN Datasheet HTML 14Page - STMicroelectronics VIPER27HN Datasheet HTML 15Page - STMicroelectronics VIPER27HN Datasheet HTML 16Page - STMicroelectronics VIPER27HN Datasheet HTML 17Page - STMicroelectronics VIPER27HN Datasheet HTML 18Page - STMicroelectronics VIPER27HN Datasheet HTML 19Page - STMicroelectronics VIPER27HN Datasheet HTML 20Page - STMicroelectronics VIPER27HN Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
VIPER27
Operation descriptions
Doc ID 15133 Rev 5
17/31
7.4
Power down operation
At converter power down, the system loses regulation as soon as the input voltage is so low
that the peak current limitation is reached. The VDD voltage drops and when it falls below
the VDDoff threshold (see Table 7 on page 6) the power MOSFET is switched OFF, the
energy transfers to the IC interrupted and consequently the VDD voltages decreases,
Figure 23 on page 16. Later, if the VIN is lower than VDRAIN_START (see Table 7 on page 6),
the start up sequence is inhibited and the power down completed. This feature is useful to
prevent converter’s restart attempts and ensures monotonic output voltage decay during the
system power down.
7.5
Auto restart operation
If after a converter power down, the VIN is higher than VDRAIN_START, the start up sequence
is not inhibited and will be activated only when the VDD voltage drops down the
VDD(RESTART) threshold (see Table 7 on page 6). This means that the HV start up current
generator restarts the VDD capacitor charging only when the VDD voltage drops below
VDD(RESTART). The scenario above described is for instance a power down because of a
fault condition. After a fault condition, the charging current, IDDch, is 0.6 mA (typ.) instead of
the 3 mA (typ.) of a normal start up converter phase. This feature together with the low
VDD(RESTART) threshold ensures that, after a fault, the restart attempts of the IC has a very
long repetition rate and the converter works safely with extremely low power throughput.
The
Figure 25 shows the IC behavioral after a short circuit event.
Figure 25.
Timing diagram: behavior after short circuit
7.6
Oscillator
The switching frequency is internally fixed to 60 kHz or 115 kHz. In both case the switching
frequency is modulated by approximately ±4 kHz (60 kHz version) or ±8 kHz
(115 kHz version) at 250 Hz (typical) rate, so that the resulting spread-spectrum action
distributes the energy of each harmonic of the switching frequency over a number of side-
band harmonics having the same energy on the whole but smaller amplitudes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com