Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER27HN Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER27HN
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27HN Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER27HN Datasheet HTML 16Page - STMicroelectronics VIPER27HN Datasheet HTML 17Page - STMicroelectronics VIPER27HN Datasheet HTML 18Page - STMicroelectronics VIPER27HN Datasheet HTML 19Page - STMicroelectronics VIPER27HN Datasheet HTML 20Page - STMicroelectronics VIPER27HN Datasheet HTML 21Page - STMicroelectronics VIPER27HN Datasheet HTML 22Page - STMicroelectronics VIPER27HN Datasheet HTML 23Page - STMicroelectronics VIPER27HN Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Operation descriptions
VIPER27
20/31
Doc ID 15133 Rev 5
7.9
About CONT pin
Referring to the
Figure 27, through the CONT pin, the below features can be implemented:
1.
Current limit set point
2.
Over voltage protection on the converter output voltage
The
Table 9 on page 20 referring to the Figure 27, lists the external components needed to
activate one or plus of the CONT pin functions.
Figure 27.
CONT pin configuration
7.10
Feed-back and overload protection (OLP)
The VIPER27 is a current mode converter: the feedback pin controls the PWM operation,
controls the burst mode and actives the overload protection.
Figure 28 on page 22 and
Figure 29 show the internal current mode structure.
With the feedback pin voltage between VFBbm and VFBlin, (see Table 8 on page 7) the drain
current is sensed and converted in voltage that is applied to the non inverting pin of the
PWM comparator. See
Figure 2 on page 3.
This voltage is compared with the one on the feedback pin through a voltage divider on
cycle by cycle basis. When these two voltages are equal, the PWM logic orders the switch
off of the power MOSFET. The drain current is always limited to IDlim value.
In case of overload the feedback pin increases in reaction to this event and when it goes
higher than VFBlin, the PWM comparator is disabled and the drain current is limited to IDlim by
the OCP comparator, see
Figure 2 on page 3.
Table 9.
CONT pin configurations
Function / component
RLIM
(1)
1.
RLIM has to be fixed before of ROVP
ROVP
DAUX
IDlim reduction
See
Figure 16
No
No
OVP
≥ 80 kΩ
See
Equation 4
Yes
IDlim reduction + OVP
See
Figure 16
See
Equation 4
Yes
OVP
ROV P
SOFT
START
CONT
Daux
RLIM
From RSENSE
Auxiliary
winding
to GATE driver
OVP
LOGIC
OCP
BLOCK
OCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com