Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38HE Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER38HE
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38HE Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER38HE Datasheet HTML 2Page - STMicroelectronics VIPER38HE Datasheet HTML 3Page - STMicroelectronics VIPER38HE Datasheet HTML 4Page - STMicroelectronics VIPER38HE Datasheet HTML 5Page - STMicroelectronics VIPER38HE Datasheet HTML 6Page - STMicroelectronics VIPER38HE Datasheet HTML 7Page - STMicroelectronics VIPER38HE Datasheet HTML 8Page - STMicroelectronics VIPER38HE Datasheet HTML 9Page - STMicroelectronics VIPER38HE Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Pin settings
VIPER38
6/31
DocID025703 Rev 2
3
Pin settings
Figure 3. Connection diagram (top view)
Note:
The copper area for heat dissipation has to be designed under the DRAIN pins.
Table 2. Pin description
SO16N
Name
Function
1, 2
GND
Device ground and source of the power MOSFET.
3
N.C.
Not connected.
4N.A.
Not available for user. This pin is mechanically connected to the
controller die pad of the frame. In order to improve the noise immunity,
is highly recommended connect it to GND (pin 1-2).
5VDD
Supply voltage of the control section. This pin also provides the charging
current of the external capacitor during startup.
6CONT
Control pin. The following functions can be selected:
1. current limit setpoint adjustment. The default value (set internally) of the cycle-
by-cycle current limit can be reduced by connecting an external resistor to ground.
2. output voltage monitoring. A voltage exceeding the VOVP threshold (see
Table 8: Controller section on page 9) shuts the IC down, reducing device
consumption. This function is strobed and digitally filtered for high noise immunity.
7FB
Control input for duty cycle control. The internal current generator provides bias
current for loop regulation. A voltage below the threshold VFBbm activates burst-
mode operation. A level close to the threshold VFBlin means that we are
approaching the cycle-by-cycle overcurrent setpoint.
8EPT
This pin allows the connection of an external capacitor for extra power
management. If the function is not used, the pin has to be connected to GND.
9...12
N.C.
Not connected.
13...16
DRAIN
High-voltage drain pin. The built-in high-voltage switched startup bias current is
drawn from this pin too. These pins are connected to the metal frame to facilitate
heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com