Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38HE Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER38HE
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38HE Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER38HE Datasheet HTML 1Page - STMicroelectronics VIPER38HE Datasheet HTML 2Page - STMicroelectronics VIPER38HE Datasheet HTML 3Page - STMicroelectronics VIPER38HE Datasheet HTML 4Page - STMicroelectronics VIPER38HE Datasheet HTML 5Page - STMicroelectronics VIPER38HE Datasheet HTML 6Page - STMicroelectronics VIPER38HE Datasheet HTML 7Page - STMicroelectronics VIPER38HE Datasheet HTML 8Page - STMicroelectronics VIPER38HE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DocID025703 Rev 2
5/31
VIPER38
Block diagram
31
1
Block diagram
Figure 2. Block diagram
2
Typical power
Table 1. Typical power
Nominal power
230 VAC
85-265 VAC
Adapter(1)
Open frame(2)
Adapter(1)
Open frame(2)
VIPER38
18 W
20 W
13 W
15 W
28 W (peak)(3)
30 W (peak)(3)
23 W (peak)(3)
25 W (peak)(3)
1.
Typical continuous power in non-ventilated enclosed adapter measured at 50 °C ambient.
2.
Maximum practical continuous power in an open frame design at 50 °C ambient, with adequate heat sinking.
3.
Maximum practical peak power at 50 °C ambient, with adequate heat sinking for 2 sec (max).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com