Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38HD Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER38HD
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38HD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER38HD Datasheet HTML 3Page - STMicroelectronics VIPER38HD Datasheet HTML 4Page - STMicroelectronics VIPER38HD Datasheet HTML 5Page - STMicroelectronics VIPER38HD Datasheet HTML 6Page - STMicroelectronics VIPER38HD Datasheet HTML 7Page - STMicroelectronics VIPER38HD Datasheet HTML 8Page - STMicroelectronics VIPER38HD Datasheet HTML 9Page - STMicroelectronics VIPER38HD Datasheet HTML 10Page - STMicroelectronics VIPER38HD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
DocID025703 Rev 2
7/31
VIPER38
Electrical characteristics
31
4
Electrical characteristics
‘
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min
Max
VDRAIN Drain-to-source (ground) voltage
800
V
IDRAIN
Pulse drain current (limited by TJ = 150 °C)
3
A
VCONT Control input pin voltage
-0.3
6
V
VFB
Feedback voltage
-0.3
5.5
V
VEPT
EPT input pin voltage
-0.3
5
V
VDD
Supply voltage (IDD = 25 mA)
-0.3
Self limited
V
IDD
Input current
25
mA
PTOT
Power dissipation at TA < 60 °C
1.5
W
TJ
Operating junction temperature range
-40
150
°C
TSTG
Storage temperature
-55
150
°C
Table 4. Thermal data
Symbol
Parameter
Max
Unit
SDIP10
SO16N
RthJP
Thermal resistance junction pin
(dissipated power = 1 W)
35
35
°C/W
RthJA
Thermal resistance junction-to-ambient
(dissipated power = 1 W)
100
110
°C/W
RthJA
Thermal resistance junction-to-ambient (1)
(dissipated power = 1 W)
1.
When mounted on a standard, single side FR4 board with 100 mm2 (0.155 sq in) of Cu (35 µm thick).
85
80
°C/W
Table 5. Avalanche ratings
Symbol
Parameter
Test condition
Value
Unit
IAS
Avalanche current
Repetitive or non repetitive
(pulse width limited by TJmax)
1.15
A
EAS
Single pulse avalanche
energy(1)
1.
Specification assured by design and characterization.
ID = IAS, VDS=100 V
starting TJ = 25°C
5mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com