Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38HD Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER38HD
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38HD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER38HD Datasheet HTML 6Page - STMicroelectronics VIPER38HD Datasheet HTML 7Page - STMicroelectronics VIPER38HD Datasheet HTML 8Page - STMicroelectronics VIPER38HD Datasheet HTML 9Page - STMicroelectronics VIPER38HD Datasheet HTML 10Page - STMicroelectronics VIPER38HD Datasheet HTML 11Page - STMicroelectronics VIPER38HD Datasheet HTML 12Page - STMicroelectronics VIPER38HD Datasheet HTML 13Page - STMicroelectronics VIPER38HD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
VIPER38
10/31
DocID025703 Rev 2
Figure 4. Minimum turn-on time test circuit
Figure 5. OVP threshold test circuit
Note:
Adjust VDD above VDDon startup threshold before setting to 14 V.
Extra power management
IDLIM_EPT
Drain current limit with EPT
function
(1)
85%
IDlim
A
VEPT(STOP)
EPT shutdown threshold
ICONT < -10 µA
3.6
4
4.4
V
VEPT(RESTART) EPT restart threshold
0.4
0.6
0.8
V
IEPT
Sink/source current
4
5
6
µA
Thermal shutdown
TSD
Thermal shutdown temperature
(1)
150
160
°C
THYST
Thermal shutdown hysteresis
(1)
30
°C
1.
Specification assured by design, characterization and statistical correlation.
Table 8. Controller section (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com