Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER27L Datasheet(PDF) 22 Page - STMicroelectronics

Part # VIPER27L
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27L Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VIPER27L Datasheet HTML 18Page - STMicroelectronics VIPER27L Datasheet HTML 19Page - STMicroelectronics VIPER27L Datasheet HTML 20Page - STMicroelectronics VIPER27L Datasheet HTML 21Page - STMicroelectronics VIPER27L Datasheet HTML 22Page - STMicroelectronics VIPER27L Datasheet HTML 23Page - STMicroelectronics VIPER27L Datasheet HTML 24Page - STMicroelectronics VIPER27L Datasheet HTML 25Page - STMicroelectronics VIPER27L Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Operation descriptions
VIPER27
22/31
Doc ID 15133 Rev 5
Equation 7
Equation 8
The RFB(DYN) is the dynamic resistance seen by the FB pin.
The CFB1 capacitor fixes the OLP delay and usually CFB1 results much higher than CFB.
The
Equation 5 can be still used to calculate the OLP delay time but CFB1 has to be
considered instead of CFB. Using the alternative compensation network, the designer can
satisfy, in all case, the loop stability and the enough OLP delay time alike.
Figure 28.
FB pin configuration
Figure 29.
FB pin configuration
()
1
FB
)
DYN
(
FB
FB
1
FB
)
DYN
(
FB
PFB
R
R
C
2
R
R
f
⋅
⋅
⋅
π
⋅
+
=
()
)
DYN
(
FB
1
FB
1
FB
1
PFB
R
R
C
2
1
f
+
⋅
⋅
π
⋅
=
From sense FET
4.8V
BURST
PWM
CONTROL
Cfb
To PWM Logic
BURST-MODE
REFERENCES
BURST-MODE
LOGIC
+
-
PWM
+
-
OLP comparator
To disable logic
4.8V
From sense FET
PWM
CONTROL
+
-
PWM
BURST
To disable logic
+
-
OLP comparator
To PWM Logic
BURST-MODE
LOGIC
Cfb1
Rfb1
Cfb
BURST-MODE
REFERENCES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com