Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER27L Datasheet(PDF) 25 Page - STMicroelectronics

Part # VIPER27L
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27L Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VIPER27L Datasheet HTML 21Page - STMicroelectronics VIPER27L Datasheet HTML 22Page - STMicroelectronics VIPER27L Datasheet HTML 23Page - STMicroelectronics VIPER27L Datasheet HTML 24Page - STMicroelectronics VIPER27L Datasheet HTML 25Page - STMicroelectronics VIPER27L Datasheet HTML 26Page - STMicroelectronics VIPER27L Datasheet HTML 27Page - STMicroelectronics VIPER27L Datasheet HTML 28Page - STMicroelectronics VIPER27L Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
VIPER27
Operation descriptions
Doc ID 15133 Rev 5
25/31
7.13
2nd level over current protection and hiccup mode
The VIPER27 is protected against short circuit of the secondary rectifier, short circuit on the
secondary winding or a hard-saturation of fly-back transformer. Such as anomalous
condition is invoked when the drain current exceed the threshold IDMAX, see Table 8 on
page 7.
To distinguish a real malfunction from a disturbance (e.g. induced during ESD tests) a
“warning state” is entered after the first signal trip. If in the subsequent switching cycle the
signal is not tripped, a temporary disturbance is assumed and the protection logic will be
reset in its idle state; otherwise if the IDMAX threshold is exceeded for two consecutive
switching cycles a real malfunction is assumed and the power MOSFET is turned OFF.
The shutdown condition is latched as long as the device is supplied. While it is disabled, no
energy is transferred from the auxiliary winding; hence the voltage on the VDD capacitor
decays till the VDD under voltage threshold (VDDoff), which clears the latch.
The start up HV current generator is still off, until VDD voltage goes below its restart voltage,
VDD(RESTART). After this condition the VDD capacitor is charged again by 600 µA current,
and the converter switching restarts if the VDDon occurs. If the fault condition is not removed
the device enters in auto-restart mode. This behavioral results in a low-frequency
intermittent operation (Hiccup-mode operation), with very low stress on the power circuit.
See the timing diagram of
Figure 32.
Figure 32.
Hiccup-mode OCP: timing diagram
Vcc
VDRAIN
IDRAIN
Secondary diode is shorted here
t
t
t
DMAX
on
off
(RESTART)
Secondary diode is shorted here
t
t
t
I
VDD
VDD
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com