Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38LD Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER38LD
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38LD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER38LD Datasheet HTML 4Page - STMicroelectronics VIPER38LD Datasheet HTML 5Page - STMicroelectronics VIPER38LD Datasheet HTML 6Page - STMicroelectronics VIPER38LD Datasheet HTML 7Page - STMicroelectronics VIPER38LD Datasheet HTML 8Page - STMicroelectronics VIPER38LD Datasheet HTML 9Page - STMicroelectronics VIPER38LD Datasheet HTML 10Page - STMicroelectronics VIPER38LD Datasheet HTML 11Page - STMicroelectronics VIPER38LD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical characteristics
VIPER38
8/31
DocID025703 Rev 2
TJ = -25 to 125 °C, VDD= 14 V; unless otherwise specified (adjust VDD above VDDon startup
threshold before setting to 14 V).
Table 6. Power section
Symbol
Parameter
Test condition
Min Typ Max Unit
VBVDSS Breakdown voltage
IDRAIN = 1 mA, VFB = GND, TJ = 25 °C
800
V
IOFF
OFF-state drain current
VDRAIN = max rating,VFB = GND, TJ = 25°C
60
µA
RDS(on)
Drain-source on-state
resistance
IDRAIN = 0.4 A, VFB = 3 V, VEPT = GND, TJ = 25 °C
4.5
Ω
IDRAIN = 0.4 A, VFB = 3 V, VEPT = GND, TJ = 125 °C
9
Ω
COSS
Effective (energy related)
output capacitance
VDRAIN = 0 to 640 V, TJ = 25°C
17
pF
Table 7. Supply section
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Voltage
VDRAIN_START
Drain-source start voltage
60
80
100
V
IDDch1
Startup charging current
VDRAIN = 120 V, VEPT = GND,
VFB = GND, VDD = 4 V
-2
-3
-4
mA
IDDch2
Restart charging current
(after fault)
VDRAIN = 120 V, VEPT = GND,
VFB = GND, VDD = 4 V
-0.4
-0.6
-0.8
mA
VDD
Operating voltage range
After turn-on
8.5
23.5
V
VDDclamp
VDD clamp voltage
IDD = 20 mA
23.5
V
VDDon
VDD startup threshold
VDRAIN = 120 V, VEPT = GND,
VFB = GND
13
14
15
V
VDDoff
VDD undervoltage shutdown
threshold
7.588.5
V
VDD(RESTART) VDD restart voltage threshold
VDRAIN = 120 V, VEPT = GND,
VFB = GND
44.5
5
V
Current
IDD0
Operating supply current, not
switching
VFB = GND, FOSC = 0 kHz
VEPT = GND, VDD = 10 V
0.7
mA
IDD1
Operating supply current,
switching
VDRAIN = 120 V, FOSC = 60 kHz
2.5
mA
VDRAIN = 120 V,FOSC = 115 kHz
3.5
mA
IDD_FAULT
Operating supply current, with
protection tripping
VDD = 10 V
400
uA
IDD_OFF
Operating supply current with
VDD < VDD_OFF
VDD = 7 V
270
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com