Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38LD Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER38LD
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38LD Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER38LD Datasheet HTML 16Page - STMicroelectronics VIPER38LD Datasheet HTML 17Page - STMicroelectronics VIPER38LD Datasheet HTML 18Page - STMicroelectronics VIPER38LD Datasheet HTML 19Page - STMicroelectronics VIPER38LD Datasheet HTML 20Page - STMicroelectronics VIPER38LD Datasheet HTML 21Page - STMicroelectronics VIPER38LD Datasheet HTML 22Page - STMicroelectronics VIPER38LD Datasheet HTML 23Page - STMicroelectronics VIPER38LD Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Operation
VIPER38
20/31
DocID025703 Rev 2
7.9
About CONT pin
Referring to Figure 22: CONT pin configuration, the CONT pin is used to configure the:
1.
reduction of the OCP setpoint (IDlim)
2.
output overvoltage protection (OVP)
Table 9: CONT pin configurations lists the external components needed to activate one or
more of the CONT pin functions.
Figure 22. CONT pin configuration
7.10
Feedback and overload protection (OLP)
The device is a current-mode converter. The feedback pin controls PWM operation as well
as burst mode and activates the overload protection. Figure 23: FB pin configuration (option
1) and Figure 24: FB pin configuration (option 2) show the internal current-mode structure.
With the feedback pin voltage between VFBbm and VFBlin, (see Table 8: Controller section)
the drain current is sensed and converted to voltage that is applied to the non-inverting pin
of the PWM comparator.
This voltage is compared to the voltage on the feedback pin through a voltage divider on a
cycle-by-cycle basis. When these two voltages are equal, the PWM logic orders the switch-
off of the power MOSFET. The drain current is always limited to the value of IDlim.
Table 9. CONT pin configurations
Function / component
RLIM
ROVP
DAUX
IDlim reduction
See Figure 13: IDlim vs. RLIM
No
No
OVP
≥ 80 kΩ
See Equation 4
Yes
IDlim reduction and OVP
(1)
1.
Select RLIM then ROVP.
See Figure 13: IDlim vs. RLIM
See Equation 4
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com