Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38LDTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER38LDTR
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38LDTR Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER38LDTR Datasheet HTML 1Page - STMicroelectronics VIPER38LDTR Datasheet HTML 2Page - STMicroelectronics VIPER38LDTR Datasheet HTML 3Page - STMicroelectronics VIPER38LDTR Datasheet HTML 4Page - STMicroelectronics VIPER38LDTR Datasheet HTML 5Page - STMicroelectronics VIPER38LDTR Datasheet HTML 6Page - STMicroelectronics VIPER38LDTR Datasheet HTML 7Page - STMicroelectronics VIPER38LDTR Datasheet HTML 8Page - STMicroelectronics VIPER38LDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
This is information on a product in full production.
July 2015
DocID025703 Rev 2
1/31
VIPER38
VIPerPlus family: peak power high-voltage converter
Datasheet
- production data
Figure 1. Typical application
Features
• 800 V avalanche-rugged power MOSFET
allowing ultra wide range input Vac to be
achieved
• Embedded HV start-up and sense FET
• PWM current-mode controller
• OCP with selectable threshold (IDlim) and 2nd
OCP with higher value (IDMAX) to protect the IC
from transformer saturation or short-circuit of
the secondary diode
• 30 mW no-load consumption at 230 Vac
• Two operating frequencies:
– 60 kHz (L type) or 115 kHz (H type)
• Jittered frequency reduces the EMI
• Extra power timer (EPT) blanks the overload
current for few seconds
• Output overvoltage protection with tight
tolerance and digital noise filter
• Soft-start reduces the stress during startup and
increases IC lifetime
• Automatic restart after a fault condition
• Thermal shutdown increases system reliability
and IC lifetime
Applications
• Auxiliary power supply for consumer and home
equipment
• Power supply for energy meters and data
concentrators
• Adapters
Description
The device is a high-voltage converter that
smartly integrates an 800 V rugged power
MOSFET with PWM current-mode control. The
power MOSFET allows a very high input Vac to be
applied, just limited from its breakdown voltage.
This IC is capable of meeting more stringent
energy-saving standards as it has very low
consumption and operates in burst mode under
light load.
The device features an adjustable extra power
timer (EPT) that enables the IC to sustain
overload conditions for a few seconds.
The integrated HV startup, sense FET and
oscillator with jitter allow the advantage of using
minimal components in the application.
The device features high-level protections like
dual-level OCP, output overvoltage, short-circuit,
and thermal shutdown with hysteresis. After the
removal of a fault condition, the IC is
automatically restarted.
www.st.com


Similar Part No. - VIPER38LDTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
764Kb / 39P
Energy saving offline high voltage converter
Rev 6 - March 2025
VIPER317HDTR STMICROELECTRONICS-VIPER317HDTR Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER317HDTR STMICROELECTRONICS-VIPER317HDTR Datasheet
764Kb / 39P
Energy saving offline high voltage converter
Rev 6 - March 2025
VIPER317LDTR STMICROELECTRONICS-VIPER317LDTR Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
More results

Similar Description - VIPER38LDTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER37HE STMICROELECTRONICS-VIPER37HE Datasheet
2Mb / 35P
VIPerPlus family: fixed frequency offline converter
17-Feb-2012
logo
International Rectifier
IR4301 IRF-IR4301_15 Datasheet
1Mb / 15P
High peak music power output
logo
ON Semiconductor
1SMC5.OAT3 ONSEMI-1SMC5.OAT3 Datasheet
73Kb / 8P
Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
logo
EIC discrete Semiconduc...
HZK6A1L EIC-HZK6A1L Datasheet
141Kb / 3P
High peak reverse power dissipation
logo
Wurth Elektronik GmbH &...
744050200047 WURTH-744050200047 Datasheet
320Kb / 5P
Peak Voltage
logo
Ohmite Mfg. Co.
RES-OX-OY OHMITE-RES-OX-OY Datasheet
529Kb / 2P
High peak power
logo
Unisonic Technologies
2N6116L-T92-B UTC-2N6116L-T92-B Datasheet
134Kb / 3P
High peak output voltage
logo
Vicor Corporation
BCM380P475C1K2A30 VICOR-BCM380P475C1K2A30 Datasheet
572Kb / 2P
Bus Converter Family
logo
STMicroelectronics
STEVAL-ISA196V1 STMICROELECTRONICS-STEVAL-ISA196V1 Datasheet
211Kb / 4P
5 V / 1.2 A non-isolated flyback converter using VIPerPlus ??VIPer114LS
19-Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com