Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38LDTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER38LDTR
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38LDTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER38LDTR Datasheet HTML 14Page - STMicroelectronics VIPER38LDTR Datasheet HTML 15Page - STMicroelectronics VIPER38LDTR Datasheet HTML 16Page - STMicroelectronics VIPER38LDTR Datasheet HTML 17Page - STMicroelectronics VIPER38LDTR Datasheet HTML 18Page - STMicroelectronics VIPER38LDTR Datasheet HTML 19Page - STMicroelectronics VIPER38LDTR Datasheet HTML 20Page - STMicroelectronics VIPER38LDTR Datasheet HTML 21Page - STMicroelectronics VIPER38LDTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Operation
VIPER38
18/31
DocID025703 Rev 2
7.7
Current mode conversion with adjustable current limit
setpoint
The device is a current mode converter. The drain current is sensed and converted to
voltage that is applied to the non-inverting pin of the PWM comparator. This voltage is
compared with the one on the feedback pin through a voltage divider on a cycle-by-cycle
basis.
The device has a default current limit value, IDlim, that can be adjusted according to the
electrical specification, by the RLIM resistor connected to the CONT pin.
The CONT pin has a minimum current sunk needed to activate the IDlim adjustment. Without
RLIM or with high RLIM (i.e. 100 kΩ) the current limit is set to the default value (see IDlim,
Table 8: Controller section).
7.8
Overvoltage protection (OVP)
The device has an integrated logic for the monitoring of the output voltage using as an input
signal the voltage VCONT during the OFF time of the power MOSFET. This is the time when
the voltage from the auxiliary winding tracks the output voltage, through the turn ratio.
The CONT pin has to be connected to the auxiliary winding through the diode DOVP and the
resistors ROVP and RLIM as shown in Figure 22: CONT pin configuration. When, during the
OFF time, the voltage VCONT exceeds four consecutive times the reference voltage VOVP
(see Table 8: Controller section), the overvoltage protection will stop the power MOSFET
and the converter enters auto-restart mode.
In order to bypass the noise immediately after the turn-off of the power MOSFET, the
voltage VCONT is sampled inside a short window after the time TSTROBE, see Table 8:
Controller section and the Figure 21: OVP timing diagram. The sampled signal, if higher
than VOVP, triggers the internal OVP digital signal and increments the internal counter. The
same counter is reset every time the signal OVP is not triggered in one oscillator cycle.
Referring to Figure 22: CONT pin configuration, the resistor divider ratio kOVP will be given
by:
Equation 2
Equation 3
k
OVP
V
OVP
N
AUX
N
SEC
--------------
V
OUTOVP
V
DSEC
+
() V
DAUX
–
⋅
---------------------------------------------------------------------------------------------------
=
k
OVP
R
LIM
R
LIM
R
OVP
+
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com