Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCS8205 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPCS8205
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS II)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8205 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPCS8205 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCS8205
2003-02-20
6
DRAIN-SOURCE VOLTAGE VDS (V)
SAFE OPERATING AREA
0.01
0.03
0.1
0.3
1
3
10
100
30
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
30
100
50
* SINGLE PULSE
Ta
= 25°C
Curves must be derated linearly
with increase in temperature.
ID max (PULSE) *
10 ms *
1 ms *
VDSS max
SINGLE-DEVICE VALUE AT
DUAL OPERATION (NOTE 3b)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com