Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCS8205 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCS8205
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS II)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8205 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCS8205 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCS8205
2003-02-20
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS II)
TPCS8205
Lithium Ion Battery Applications
Portable Equipment Applications
Notebook PCs
l Small footprint due to small and thin package
l Low drain-source ON resistance: RDS (ON) = 30 mΩ (typ.)
l High forward transfer admittance: |Yfs| = 10 S (typ.)
l Low leakage current: IDSS = 10 µA (max) (VDS = 20 V)
l Enhancement-mode: Vth = 0.5~1.2 V (VDS = 10 V, ID = 200 µA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
20
V
Drain-gate voltage (RGS = 20kΩ)
VDGR
20
V
Gate-source voltage
VGSS
±12
V
D C
(Note 1)
ID
5
Drain curren
Pulse
(Note 1)
IDP
20
A
Single-device
operation
(Note 3a)
PD (1)
1.1
Drain power
dissipation
(t = 10s)
(Note 2a)
Single-device value
at dual operation
(Note 3b)
PD(2)
0.5
W
Single-device
operation
(Note 3a)
PD (1)
0.6
Drain power
dissipation
(t = 10s)
(Note 2b)
Single-device value
at dual operation
(Note 3b)
PD (2)
0.35
W
Single pulse avalanche energy
(Note 4)
EAS
32.5
mJ
Avalanche current
IAR
5
A
Repetitive avalanche energy
Single-device value at operation
(Note 2a, Note 3b, Note 5)
EAR
0.05
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For (Note 1), (Note 2a), (Note 2b), (Note 3a), (Note 3b), (Note 4)
and (Note 5), please refer to the next page.
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3R1E
Weight: 0.035 g (typ.)
Circuit Configuration


Similar Part No. - TPCS8205

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8205 TOSHIBA-TPCS8205 Datasheet
842Kb / 7P
Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
logo
VBsemi Electronics Co.,...
TPCS8205 VBSEMI-TPCS8205 Datasheet
965Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Toshiba Semiconductor
TPCS8205 TOSHIBA-TPCS8205_07 Datasheet
842Kb / 7P
Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
More results

Similar Description - TPCS8205

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3397 TOSHIBA-2SK3397 Datasheet
96Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
TPCS8101 TOSHIBA-TPCS8101 Datasheet
323Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS II)
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
TPC8209 TOSHIBA-TPC8209 Datasheet
312Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS II)
TPCS8201 TOSHIBA-TPCS8201 Datasheet
314Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS )
TPCF8001 TOSHIBA-TPCF8001 Datasheet
242Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPCP8401 TOSHIBA-TPCP8401_07 Datasheet
279Kb / 10P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com