Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN5E160ASOTR-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN5E160ASOTR-E
Description  Single channel high-side driver with analog for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160ASOTR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN5E160ASOTR-E Datasheet HTML 7Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 8Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 9Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 10Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 11Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 12Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 13Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 14Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
VN5E160ASO-E
Electrical specifications
Doc ID 022475 Rev. 5
11/37
Table 9.
Current sense (8 V < VCC < 18 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K0
IOUT/ISENSE
IOUT = 0.025 A;
VSENSE =0.5 V
Tj = -40°C to 150°C
265
490
715
K1
IOUT/ISENSE
IOUT = 0.35 A; VSENSE = 0.5 V
Tj = -40°C to 150°C
Tj = 25°C to 150°C
355
385
465
465
575
545
dK1/K1
(1)
Current sense ratio drift
IOUT =0.35 A; VSENSE = 0.5 V
Tj = -40°C to 150°C
-11
+11
%
K2
IOUT/ISENSE
IOUT = 0.5 A; VSENSE =4 V
Tj = -40°C to 150°C
Tj = 25°C to 150°C
380
400
455
455
530
510
dK2/K2
(1)
Current sense ratio drift
IOUT = 0.5 A;
Tj = -40°C to 150°C
-8
+8
%
K3
IOUT/ISENSE
IOUT = 1.5 A; VSENSE =4 V
Tj = -40°C to 150°C
Tj = 25°C to 150°C
420
420
455
455
490
480
dK3/K3
(1)
Current sense ratio drift
IOUT = 1.5 A;
Tj = -40°C to 150°C
-4
+4
%
ISENSE0
Analog sense leakage
current
IOUT = 0 A; VSENSE =0 V;
VCSD =5 V; VIN =0 V;
Tj = -40°C to 150°C
01
µA
IOUT = 0 A; VSENSE =0 V;
VCSD =0 V; VIN =5 V;
Tj = -40°C to 150°C
02
IOUT = 1 A; VSENSE =0 V;
VCSD =5 V; VIN =5 V;
Tj = -40°C to 150°C
01
VSENSE
Max analog sense
output voltage
RSENSE = 10 KΩ
IOUT = 1 A;
5V
VSENSEH
(2) Analog sense output
voltage in fault condition
VCC =13 V; RSENSE = 3.9 KΩ
8V
ISENSEH
(2)
Analog sense output
current in fault condition
VCC =13 V; VSENSE =5 V
9
mA
tDSENSE1H
Delay response time
from falling edge of
CS_DIS pin
VSENSE <4 V;
0.025 A < IOUT <1.5 A
ISENSE =90% of ISENSE max
(see Figure 4)
40
100
µs
tDSENSE1L
Delay response time
from rising edge of
CS_DIS pin
VSENSE <4 V;
0.025 A < IOUT <1.5 A
ISENSE =10% of ISENSE max
(see Figure 4)
520
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com