Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN5E160ASOTR-E Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN5E160ASOTR-E
Description  Single channel high-side driver with analog for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160ASOTR-E Datasheet(HTML) 2 Page - STMicroelectronics

  VN5E160ASOTR-E Datasheet HTML 1Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 2Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 3Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 4Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 5Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 6Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 7Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 8Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Contents
VN5E160ASO-E
2/37
Doc ID 022475 Rev. 5
Contents
1
Block diagram and pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.1
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.2
Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.4
Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
2.5
Electrical characteristics curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
3
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
3.1
GND protection network against reverse battery . . . . . . . . . . . . . . . . . . . 24
3.1.1
Solution 1: resistor in the ground line (RGND only) . . . . . . . . . . . . . . . . 24
3.1.2
Solution 2: a diode (DGND) in the ground line . . . . . . . . . . . . . . . . . . . 25
3.2
Load dump protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
3.3
MCU I/Os protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
3.4
Current sense and diagnostic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
3.4.1
Short to VCC and OFF-state open-load detection . . . . . . . . . . . . . . . . . 27
3.5
Maximum demagnetization energy (VCC = 13.5 V) . . . . . . . . . . . . . . . . . 28
4
Package and PC board thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
4.1
SO-16L thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
5
Package and packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
5.1
ECOPACK® packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
5.2
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
5.3
Packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
6
Order codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
7
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com